Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2117DN Datasheet(PDF) 9 Page - Monolithic Power Systems

Part # MP2117DN
Description  1.25MHz, 2.2A Synchronous Step-Down Switcher
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2117DN Datasheet(HTML) 9 Page - Monolithic Power Systems

Back Button MP2117DN Datasheet HTML 4Page - Monolithic Power Systems MP2117DN Datasheet HTML 5Page - Monolithic Power Systems MP2117DN Datasheet HTML 6Page - Monolithic Power Systems MP2117DN Datasheet HTML 7Page - Monolithic Power Systems MP2117DN Datasheet HTML 8Page - Monolithic Power Systems MP2117DN Datasheet HTML 9Page - Monolithic Power Systems MP2117DN Datasheet HTML 10Page - Monolithic Power Systems MP2117DN Datasheet HTML 11Page - Monolithic Power Systems MP2117DN Datasheet HTML 12Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
MP2117
– 1.25MHZ, 2.2A SYNCHRONROUS STEP-DOWN SWITCHER
END OF LIFE, REFER TO MP1605
MP2117 Rev. 0.92
www.MonolithicPower.com
9
6/20/2022
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2023 MPS. All Rights Reserved.
APPLICATION INFORMATION
Output Voltage Setting
The external resistor divider sets the output
voltage. It is optional to speed loop response by
adding a small feedforward capacitor CF parallel
with R1. Choose R1*CF time constant around
3usec.
Choose R2 value between 1kΩ and 100kΩ. R1 is
then given by:
OUT
V
R1= R2 (
- 1)
0.6V
Table 1
—Resistor Selection vs. Output
Voltage Setting
VOUT
R1
R2
1.2V
60.4kΩ
60.4kΩ
1.5V
90.9kΩ
60.4kΩ
1.8V
121kΩ
60.4kΩ
2.5V
191kΩ
60.4kΩ)
3.3V
274KΩ
60.4kΩ
Inductor Selection
A 1μH to 10μH inductor with DC current rating at
least 25% higher than the maximum load current
is recommended for most applications. For best
efficiency, the inductor DC resistance should be
<100mΩ. See Table 2 for recommended
inductors and manufacturers. For most designs,
the inductance value can be derived from the
following equation:
(
)
OSC
L
IN
OUT
IN
OUT
f
I
V
V
V
V
L
−
=
Where
ΔIL is inductor ripple current. Choose
inductor ripple current approximately 30% of the
maximum load current, 2.2A.
The maximum inductor peak current is:
L
L(MAX)
LOAD(MAX)
ΔI
I
= I
2
+
Table 2
—Suggested Surface Mount Inductors
Manufacturer
Part Number
Inductance (μH)
Max DCR (mΩ)
Saturation Current (A)
Wurth
7447745012
1.2
17
4.6
Toko
D62LCB-#A918CY-1R0M
1.0
17
3.7
Switcher Input Capacitor CIN1 Selection
The input capacitor reduces the surge current
drawn from the input and switching noise from
the device. The input capacitor impedance at the
switching frequency should be less than input
source impedance to prevent high frequency
switching current passing to the input. Ceramic
capacitors with X5R or X7R dielectrics are highly
recommended because of their low ESR and
small
temperature
coefficients.
For
most
applications, a 10μF~22μF capacitor is sufficient.
Switcher Output Capacitor COUT1 Selection
The output capacitor keeps output voltage ripple
small and ensures regulation loop stable. The
output capacitor impedance should be low at the
switching frequency. Ceramic capacitors with
X5R or X7R dielectrics are recommended. For
most applications, a 22μF~47μF capacitor is
sufficient.
The output ripple ΔVOUT is approximately:
OUT
IN
OUT
OUT
IN
OSC
OSC
OUT
V
(V - V
)
1
ΔV
ESR
V
f
L
8 f
C

 




Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com