Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP6545 Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP6545
Description  45V, 2.5A, Simple Three-Phase Power Stage
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6545 Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP6545 Datasheet HTML 1Page - Monolithic Power Systems MP6545 Datasheet HTML 2Page - Monolithic Power Systems MP6545 Datasheet HTML 3Page - Monolithic Power Systems MP6545 Datasheet HTML 4Page - Monolithic Power Systems MP6545 Datasheet HTML 5Page - Monolithic Power Systems MP6545 Datasheet HTML 6Page - Monolithic Power Systems MP6545 Datasheet HTML 7Page - Monolithic Power Systems MP6545 Datasheet HTML 8Page - Monolithic Power Systems MP6545 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
MP6545
– 45V, 2.5A, SIMPLE THREE-PHASE POWER STAGE
MP6545 Rev. 1.1
MonolithicPower.com
3
5/12/2023
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2023 MPS. All Rights Reserved.
PIN FUNCTIONS
Pin #
(QFN)
Pin #
(TSSOP)
Name
Description
1, 8
4, 11
VIN
Input supply voltage. Decouple the VIN pin to ground using a minimum
100nF ceramic capacitor. Additional bulk capacitance may be required.
2
5
OUT1
Output terminal 1.
3, 6
6, 9
PGND
Power ground for half H-bridge outputs.
4
7
OUT2
Output terminal 2.
5
8
OUT3
Output terminal 3.
11, 24
14, 28
GND
Signal ground.
12
15
VREG
Internal regulator. Connect a 1µF, 16V ceramic capacitor (X7R) to ground.
13
16
nRESET
Reset input. Pull the nRESET pin active low to reset the protection circuits and
disable the outputs. This pin has an internal pull-down resistor.
14
17
nSLEEP
Sleep mode input. Pull the nSLEEP pin logic low to enter low-power sleep
mode. This pin has an internal pull-down resistor.
15
18
nFAULT
Fault indication. The nFAULT pin is an open-drain output. If used, nFAULT
requires an external pull-up resistor. nFAULT is in logic low under fault
conditions.
16
20
HS1
High input turns on the OUT1 high-side MOSFET (HS FET). The HS1 pin
has an internal pull-down resistor.
17
21
LS1
High input turns on the OUT1 low-side MOSFET (LS FET). The LS1 pin has
an internal pull-down resistor.
18
22
HS2
High input turns on the OUT2 HS-FET. The HS2 pin has an internal pull-
down resistor.
19
23
LS2
High input turns on the OUT2 LS-FET. The LS2 pin has an internal pull-down
resistor.
20
24
HS3
High input turns on the OUT3 HS-FET. The HS3 pin has an internal pull-
down resistor.
21
25
LS3
High input turns on the OUT3 LS-FET. The LS3 pin has an internal pull-down
resistor.
25
1
CPA
Charge pump capacitor. Connect a 100nF ceramic capacitor that is rated for
VIN between the CPA and CPB pins.
26
2
CPB
27
3
VCP
Charge pump output. The VCP pin requires a 1µF, 16V ceramic capacitor to
VIN.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com