Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP6545 Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP6545
Description  45V, 2.5A, Simple Three-Phase Power Stage
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6545 Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP6545 Datasheet HTML 1Page - Monolithic Power Systems MP6545 Datasheet HTML 2Page - Monolithic Power Systems MP6545 Datasheet HTML 3Page - Monolithic Power Systems MP6545 Datasheet HTML 4Page - Monolithic Power Systems MP6545 Datasheet HTML 5Page - Monolithic Power Systems MP6545 Datasheet HTML 6Page - Monolithic Power Systems MP6545 Datasheet HTML 7Page - Monolithic Power Systems MP6545 Datasheet HTML 8Page - Monolithic Power Systems MP6545 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
MP6545
– 45V, 2.5A, SIMPLE THREE-PHASE POWER STAGE
MP6545 Rev. 1.1
MonolithicPower.com
4
5/12/2023
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2023 MPS. All Rights Reserved.
ABSOLUTE MAXIMUM RATINGS (1)
Supply voltage (VIN) ......................-0.3V to +48V
OUTx voltage (VOUT1, VOUT2, VOUT3)………………
………………………………………-0.7V to +48V
VCP, CPB .................................VIN to VIN + 6.5V
PGND to GND .............................-0.3V to +0.3V
All other pins to GND ...................-0.3V to +6.5V
Continuous power dissipation (TA = 25°C) (2)
QFN......……………………………………3.125W
TSSOP......…………………………………...3.9W
Storage temperature ................ -55°C to +150°C
Junction temperature ................................150°C
Lead temperature (solder) ........................260°C
ESD Ratings
Human body model (HBM) ........................ ±2kV
Charged device model (CDM) ................... ±2kV
Recommended Operating Conditions (3)
Supply voltage (VIN) .........................4.5V to 45V
PGND to GND .............................-0.2V to +0.2V
Operating junction temp (TJ) .... -40°C to +125°C
Thermal Resistance (4)
θJA
θJC
QFN-28 (4mmx5mm)...............40.........9....°C/W
TSSOP-28EP...........................32.........6...°C/W
Notes:
1) Exceeding these ratings may damage the device.
2) The maximum allowable power dissipation is a function of the
maximum junction temperature, TJ (MAX), the junction-to-
ambient
thermal
resistance,
θ
JA,
and
the
ambient
temperature, TA. The maximum allowable continuous power
dissipation at any ambient temperature is calculated by PD
(MAX) = (TJ (MAX) - TA) / θJA. Exceeding the maximum
allowable power dissipation can produce an excessive die
temperature, which may cause the regulator to go into
thermal
shutdown.
Internal
thermal
shutdown
circuitry
protects the device from permanent damage.
3) The device is not guaranteed to function outside of its
operating conditions.
4) Measured on JESD51-7, a 4-layer PCB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com