Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP6545 Datasheet(PDF) 14 Page - Monolithic Power Systems

Part # MP6545
Description  45V, 2.5A, Simple Three-Phase Power Stage
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6545 Datasheet(HTML) 14 Page - Monolithic Power Systems

Back Button MP6545 Datasheet HTML 10Page - Monolithic Power Systems MP6545 Datasheet HTML 11Page - Monolithic Power Systems MP6545 Datasheet HTML 12Page - Monolithic Power Systems MP6545 Datasheet HTML 13Page - Monolithic Power Systems MP6545 Datasheet HTML 14Page - Monolithic Power Systems MP6545 Datasheet HTML 15Page - Monolithic Power Systems MP6545 Datasheet HTML 16Page - Monolithic Power Systems MP6545 Datasheet HTML 17Page - Monolithic Power Systems MP6545 Datasheet HTML 18Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
MP6545
– 45V, 2.5A, SIMPLE THREE-PHASE POWER STAGE
MP6545 Rev. 1.1
MonolithicPower.com
14
5/12/2023
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2023 MPS. All Rights Reserved.
Over-Voltage Protection (OVP)
If VIN exceeds the OVP threshold (VOVP), then
the outputs are disabled and nFAULT is pulled
low. The driver remains disabled until the
device is reset by pulling nRESET low, or
cycling the power on the MP6545.
Input
Under-Voltage
Lockout
(UVLO)
Protection
If VIN falls below the under-voltage lockout
(UVLO) threshold (VIN_UVLO) at any time, then all
circuitry in the device is disabled and the
internal logic resets. Once VIN exceeds VUVLO,
the device resumes normal operation.
Thermal Shutdown
If the die temperature exceeds safe limits, then
all the MOSFETs in the H-bridge are disabled
and nFAULT is pulled low. Once the die
temperature falls to a safe level, the MP6545
automatically resumes normal operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com