Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP6545GF Datasheet(PDF) 16 Page - Monolithic Power Systems

Part # MP6545GF
Description  45V, 2.5A, Simple Three-Phase Power Stage
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6545GF Datasheet(HTML) 16 Page - Monolithic Power Systems

Back Button MP6545GF Datasheet HTML 12Page - Monolithic Power Systems MP6545GF Datasheet HTML 13Page - Monolithic Power Systems MP6545GF Datasheet HTML 14Page - Monolithic Power Systems MP6545GF Datasheet HTML 15Page - Monolithic Power Systems MP6545GF Datasheet HTML 16Page - Monolithic Power Systems MP6545GF Datasheet HTML 17Page - Monolithic Power Systems MP6545GF Datasheet HTML 18Page - Monolithic Power Systems MP6545GF Datasheet HTML 19Page - Monolithic Power Systems MP6545GF Datasheet HTML 20Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
MP6545
– 45V, 2.5A, SIMPLE THREE-PHASE POWER STAGE
MP6545 Rev. 1.1
MonolithicPower.com
16
5/12/2023
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2023 MPS. All Rights Reserved.
TYPICAL APPLICATION CIRCUIT
VIN
+
100nF
100nF
100nF
4.7µF
4.7µF
100µF
1µF
1µF
CPA
CPB
VIN
VCP
OUT1
OUT2
OUT3
HS1
nFAULT
µC
MP6545
PGND
LS1
GND
HS3
LS3
GND
HS2
LS2
nSLEEP
nRESET
VREG
50m
Ω
Figure 5: Typical Application Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com