Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP6545GF Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP6545GF
Description  45V, 2.5A, Simple Three-Phase Power Stage
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6545GF Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP6545GF Datasheet HTML 1Page - Monolithic Power Systems MP6545GF Datasheet HTML 2Page - Monolithic Power Systems MP6545GF Datasheet HTML 3Page - Monolithic Power Systems MP6545GF Datasheet HTML 4Page - Monolithic Power Systems MP6545GF Datasheet HTML 5Page - Monolithic Power Systems MP6545GF Datasheet HTML 6Page - Monolithic Power Systems MP6545GF Datasheet HTML 7Page - Monolithic Power Systems MP6545GF Datasheet HTML 8Page - Monolithic Power Systems MP6545GF Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
MP6545
45V, 2.5A, Simple
Three-Phase Power Stage
MP6545 Rev. 1.1
MonolithicPower.com
1
5/12/2023
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2023 MPS. All Rights Reserved.
DESCRIPTION
The MP6545 is a three-phase power stage IC
designed to drive brushless DC (BLDC) motors
or other loads.
The MP6545 operates across a 4.5V to 45V
input voltage (VIN) range. It can deliver an
output current (IOUT) up to 2.5A per phase,
depending on the ambient temperature (TA) and
PCB layout.
Internal safety and diagnostic features include
over-current
protection
(OCP),
input
over-
voltage protection (OVP), input under-voltage
lockout (UVLO), and thermal shutdown.
The MP6545 has separate high-side (HS) and
low-side (LS) input pins for each output pin. The
MP6545 is available in QFN-28 (4mmx5mm)
and TSSOP-28EP packages.
FEATURES
• 4.5V to 45V Operating Input Voltage (V
IN)
Range
• 2.5A Maximum Output Current (I
OUT_MAX)
• Three-Channel Half-Bridge (HB) Driver
• Low 150mΩ On Resistance (R
DS(ON)) per
MOSFET
• Protection Functions Include:
o
Over-Current Protection (OCP)
o
Over-Voltage Protection (OVP)
o
Under-Voltage Lockout (UVLO)
o
Over-Temperature (OT) Shutdown
o
Fault Indication Output
• Available in QFN-28 (4mmx5mm) and
TSSOP-28EP Packages
APPLICATIONS
• Brushless DC (BLDC) Motors
• Laser Printers and Copiers
• Textile Machines
All MPS parts are lead-free, halogen-free, and adhere to the RoHS
directive. For MPS green status, please visit the MPS website under
Quality Assurance. “MPS”, the MPS logo, and “Simple, Easy Solutions” are
trademarks of Monolithic Power Systems, Inc. or its subsidiaries.
TYPICAL APPLICATION
CPA
CPB
VIN
VCP
OUT1
OUT2
OUT3
HS1
nFAULT
µC
VIN
MP6545
PGND
LS1
GND
HS3
LS3
GND
HS2
LS2
nSLEEP
nRESET
VREG


Similar Part No. - MP6545GF

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP6545AGF MPS-MP6545AGF Datasheet
788Kb / 20P
45V, 2.5A, Simple Three-Phase Power Stage with Current Measurement
Rev. 1.1
MP6545AGV MPS-MP6545AGV Datasheet
788Kb / 20P
45V, 2.5A, Simple Three-Phase Power Stage with Current Measurement
Rev. 1.1
More results

Similar Description - MP6545GF

ManufacturerPart #DatasheetDescription
logo
PREMO CORPORATION S.L
FVDT PREMO-FVDT Datasheet
314Kb / 3P
Three Phase Double Stage
FVDT-D PREMO-FVDT-D Datasheet
118Kb / 1P
Three Phase Double Stage
FVSB PREMO-FVSB Datasheet
249Kb / 2P
Three Phase One Stage
FVST PREMO-FVST Datasheet
179Kb / 1P
Three Phase Double Stage
FVTO-IV PREMO-FVTO-IV Datasheet
219Kb / 2P
Three Phase Neutral Filters, Double Stage
logo
Rohm
RSR025N05FRA ROHM-RSR025N05FRA Datasheet
2Mb / 15P
Nch 45V 2.5A Small Signal MOSFET
RTR025B05FRA ROHM-RTR025B05FRA Datasheet
2Mb / 14P
Nch 45V 2.5A Small Signal MOSFET
logo
Sames
SA9605A SAMES-SA9605A_17 Datasheet
462Kb / 11P
Three Phase Power
logo
Rohm
RSR025N05HZG ROHM-RSR025N05HZG Datasheet
2Mb / 15P
Nch 45V 2.5A Small Signal MOSFET
RTR025N05HZG ROHM-RTR025N05HZG Datasheet
2Mb / 15P
Nch 45V 2.5A Small Signal MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com