Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP6545GF Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP6545GF
Description  45V, 2.5A, Simple Three-Phase Power Stage
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6545GF Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP6545GF Datasheet HTML 1Page - Monolithic Power Systems MP6545GF Datasheet HTML 2Page - Monolithic Power Systems MP6545GF Datasheet HTML 3Page - Monolithic Power Systems MP6545GF Datasheet HTML 4Page - Monolithic Power Systems MP6545GF Datasheet HTML 5Page - Monolithic Power Systems MP6545GF Datasheet HTML 6Page - Monolithic Power Systems MP6545GF Datasheet HTML 7Page - Monolithic Power Systems MP6545GF Datasheet HTML 8Page - Monolithic Power Systems MP6545GF Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
MP6545
– 45V, 2.5A, SIMPLE THREE-PHASE POWER STAGE
MP6545 Rev. 1.1
MonolithicPower.com
2
5/12/2023
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2023 MPS. All Rights Reserved.
ORDERING INFORMATION
Part Number*
Package
Top Marking
MSL Rating
MP6545GV
QFN-28 (4mmx5mm)
See Below
2
MP6545GF
TSSOP-28EP
See Below
2a
* For Tape & Reel, add suffix -Z (e.g. MP6545GV-Z).
* For Tape & Reel, add suffix -Z (e.g. MP6545GF-Z).
TOP MARKING (MP6545GF)
MPS: MPS prefix
YY: Year code
WW: Week code
MP6545: Part number
LLLLLLLLL: Lot number
TOP MARKING (MP6545GV)
MPS: MPS prefix
YY: Year code
WW: Week code
MP6545: Part number
LLLLLL: Lot number
PACKAGE REFERENCE
TOP VIEW
nSLEEP
LS2
GND
LS1
HS1
nRESET
VREG
CPA
GND
PGND
NC
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
GND
CPB
VCP
NC
OUT3
PGND
OUT1
NC
VIN
HS2
NC
HS3
LS3
NC
nFAULT
NC
OUT2
VIN
GND
TOP VIEW
1
PGND
2
3
4
5
6
7
22
21
20
19
18
17
16
PGND
OUT3
VIN
nFAULT
HS1
LS1
NC
HS3
LS2
HS2
NC
OUT2
VIN
LS3
OUT1
8
15
GND
MP6545GF
TSSOP-28EP
MP6545GV
QFN-28 (4mmx5mm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com