Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP86957 Datasheet(PDF) 12 Page - Monolithic Power Systems

Part # MP86957
Description  Intelli-PhaseTM Solution (Integrated HS/LS-FETs and Driver) in 5mmx6mm LGA
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP86957 Datasheet(HTML) 12 Page - Monolithic Power Systems

Back Button MP86957 Datasheet HTML 8Page - Monolithic Power Systems MP86957 Datasheet HTML 9Page - Monolithic Power Systems MP86957 Datasheet HTML 10Page - Monolithic Power Systems MP86957 Datasheet HTML 11Page - Monolithic Power Systems MP86957 Datasheet HTML 12Page - Monolithic Power Systems MP86957 Datasheet HTML 13Page - Monolithic Power Systems MP86957 Datasheet HTML 14Page - Monolithic Power Systems MP86957 Datasheet HTML 15Page - Monolithic Power Systems MP86957 Datasheet HTML 16Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
MP86957
– INTELLI-PHASETM SOLUTION IN 5MMX6MM LGA
MP86957 Rev. 1.1
www.MonolithicPower.com
12
7/10/2020
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2020 MPS. All Rights Reserved.
APPLICATION INFORMATION
PWM
The PWM input pin is capable of tri-state input.
When the PWM input signal is within the tri-state
threshold window for 40ns (typical), THT or TLT,
the high-side MOSFET (HS-FET) turns off
immediately and the low-side MOSFET (LS-FET)
remains in diode emulation mode until zero
current detection. The tri-state PWM input can
be from a forced middle voltage PWM signal.
Alternately, the PWM input can be floated and
the internal current source will charge the signal
to a middle voltage. The PWM timing diagram
shows the propagation delay definition from
PWM to the SW node (see Figure 1).
Place a resistor divider (e.g. 1.2kΩ to VDD and
1kΩ to GND) at the PWM pin to anticipate when
the controller’s PWM tri-state enters Hi-Z (High
impedance) mode. This function prevents the
LS-FET from turning on if the TOUT/FLT signal
is pulled up after a fault occurs and the controller
responds the fault and shuts down by placing
PWM to HiZ mode. The PWM pin does not
require a resistor divider if the controller’s PWM
tri-state is at a middle voltage.
Diode Emulation Mode
In diode emulation mode, when PWM is at either
low or tri-state input, the LS-FET turns on
whenever the inductor current is positive. The
LS-FET is off if the inductor current is negative
or after it has crossed zero current. Diode
emulation mode can be enabled by:
1. Driving PWM to middle state
2. Floating the PWM pin
Current Sense
The IOUT pin is a bi-directional current source
proportional to the inductor current. The current
sensing gain is 5
μA/A, and a resistor is used to
program the voltage gain proportional to the
inductor current if needed.
The IOUT pin output has two states (see Table
1). In disable mode (EN = low), the current sense
circuit is disabled and IOUT is in Hi-Z (high-
impedance) state.
Table 1: IOUT Output States
PWM
EN
IOUT
PWM
High
Active
x
Low
Hi-Z
The IOUT pin voltage range of 0.7V to 2.1V is
required to get IOUT
’s accurate current output.
In general, there is a resistor (RIOUT) connected
from IOUT to an external voltage, which is
capable of sinking a small current to provide
enough voltage to meet the required operating
voltage range. Determine a proper reference
voltage (VCM) and/or RIOUT value using Equation
(1) and Equation (2):
IOUT
IOUT
CM
0.7V
I
R
V
2.1V
(1)
IOUT
SW
IOUT
I
I
G

(2)
Where VCM is a reference voltage connected to
RIOUT.
The Intelli-PhaseTM current sense output can be
used to accurately monitor the output current.
The cycle-by-cycle current information from
IOUT can be used for phase current balancing,
over-current
protection,
and
active
voltage
positioning (output voltage droop).
Positive and Negative Inductor Current Limit
When HS-FET over-current is detected, the HS-
FET on-pulse is truncated for that PWM cycle. If
an HS current limit event is detected for eight
consecutive cycles, the TOUT/FLT pin is pulled
high to VDD, during which time the driver
continues responding to PWM. Once four
consecutive
normal
cycles
are
detected,
TOUT/FLT is cleared.
When the LS-FET detects a -40A valley current,
the part turns off the LS-FET and turns on the
HS-FET for 200ns to limit the negative current.
The LS-FET negative current limit will not trigger
a fault report.
Over-Temperature Fault Flag
If the junction temperature rises above 145°C,
TOUT/FLT is pulled to VDD, during which time
the driver continues responding to PWM. Once
the junction temperature falls below 133°C, the
fault flag clears.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com