Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP86957 Datasheet(PDF) 13 Page - Monolithic Power Systems

Part # MP86957
Description  Intelli-PhaseTM Solution (Integrated HS/LS-FETs and Driver) in 5mmx6mm LGA
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP86957 Datasheet(HTML) 13 Page - Monolithic Power Systems

Back Button MP86957 Datasheet HTML 8Page - Monolithic Power Systems MP86957 Datasheet HTML 9Page - Monolithic Power Systems MP86957 Datasheet HTML 10Page - Monolithic Power Systems MP86957 Datasheet HTML 11Page - Monolithic Power Systems MP86957 Datasheet HTML 12Page - Monolithic Power Systems MP86957 Datasheet HTML 13Page - Monolithic Power Systems MP86957 Datasheet HTML 14Page - Monolithic Power Systems MP86957 Datasheet HTML 15Page - Monolithic Power Systems MP86957 Datasheet HTML 16Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
MP86957
– INTELLI-PHASETM SOLUTION IN 5MMX6MM LGA
MP86957 Rev. 1.1
www.MonolithicPower.com
13
7/10/2020
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2020 MPS. All Rights Reserved.
Low-Side Catastrophic Failure Protection
If the HS-FET VDS is greater than 0.7V when the
HS-FET is on, the low-side catastrophic failure
protection is triggered. The MP86957 stops
responding to PWM and latches, and TOUT/FLT
is pulled high immediately. After 200ns, the
PWM impedance becomes 10k to GND. The
MPS multiphase controller can detect this
impedance and record which phase experiences
this failure.
This fault latch can be released by toggling EN
or recycling VDD/VIN.
Temperature Sense Output with Fault
Indicator (TOUT/FLT)
TOUT/FLT
reports
junction
temperature.
It
sources a voltage proportional to the junction
temperature when VDD is higher than the UVLO
threshold. The gain is 8mV/°C, and the offset is
+800mV at 25°C. TOUT pins from multi-phase
topologies can be tied together to report the
highest TMON signals to the controller.
TOUT/FLT are pulled to VDD when a fault event
is detected. It reports three fault events: HS-FET
over-current limit, over-temperature, low-side
catastrophic failure.
For multiphase operation, connect TOUT/FLT of
each Intelli-PhaseTM together (see Figure 3).
L1
PWM
Intelli-
Phase
TM
PWM1
L2
PWM
VIN
VIN
PWM2
TOUT/FLT
VIN
VIN
TOUT/FLT
Intelli-
Phase
TM
VOUT
COUT
Multiphase
Controller
Temperature
ADC
Intelli-Phase
TM
Power Stage
Figure 3: Multiphase Temperature Sense
Utilization
PCB Layout Guidelines
PCB layout plays an important role in achieving
stable operation. For optimal performance, refer
to Figure 4 and follow the guidelines below:
1. Place the input MLCC capacitors as close to
VIN and PGND as possible. The major
MLCC capacitors should be placed on the
same layer as the MP86957.
2. Place
as
many
VIN
and
PGND
vias
underneath the package as possible, in-
between VIN or PGND long pads.
3. Place a VIN copper plane on the second
inner layer to form the PCB stacking in a +/-
/+ pattern to reduce the parasitic impedance
from the input MLCC cap to the MP86957.
The copper plane on inner layer must at least
cover the VIN vias underneath the package
and the input MLCC capacitors.
4. Place more PGND vias close to the PGND
pin/pad to minimize parasitic resistance and
impedance, as well as thermal resistance.
5. Place the BST and VDRV capacitors as
close to the device
’s pins as possible. Use a
≥20 mil width trace to route the path. Avoid
the via for the BST driving path. It is
recommended to use 0.1µF to 0.22µF for the
bootstrap capacitor.
6. Place the VDD decoupling capacitor close to
the device. Connect AGND and PGND at the
point
of
the
VDD
capacitor
’s ground
connection.
7. Keep the IOUT signal trace away from high-
current paths, such as SW and PWM.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com