Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MASTERGAN1TR Datasheet(PDF) 7 Page - STMicroelectronics

Part # MASTERGAN1TR
Description  High power density 600V Half bridge driver with two enhancement mode GaN HEMT
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MASTERGAN1TR Datasheet(HTML) 7 Page - STMicroelectronics

Back Button MASTERGAN1TR Datasheet HTML 3Page - STMicroelectronics MASTERGAN1TR Datasheet HTML 4Page - STMicroelectronics MASTERGAN1TR Datasheet HTML 5Page - STMicroelectronics MASTERGAN1TR Datasheet HTML 6Page - STMicroelectronics MASTERGAN1TR Datasheet HTML 7Page - STMicroelectronics MASTERGAN1TR Datasheet HTML 8Page - STMicroelectronics MASTERGAN1TR Datasheet HTML 9Page - STMicroelectronics MASTERGAN1TR Datasheet HTML 10Page - STMicroelectronics MASTERGAN1TR Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
4
Electrical characteristics
4.1
Driver
Table 5. Driver electrical characteristics : VCC = PVCC = 6 V; SENSE = GND; TJ = 25°C, unless otherwise
specified (Each voltage referred to GND unless otherwise specified.)
Symbol
Parameter
Test condition
Min
Typ
Max
Unit
Logic section supply
VCCthON
VCC vs. GND
VCC UV turn ON threshold(1)
4.2
4.5
4.75
V
VCCthOFF
VCC UV turn OFF threshold(1)
3.9
4.2
4.5
V
VCChys
VCC UV hysteresis(1)
0.2
0.3
0.45
V
IQVCCU
VCC undervoltage quiescent
supply current
VCC = PVCC = 3.8 V
320
410
μA
IQVCC
VCC quiescent supply current
SD/OD = LIN = 5 V;
HIN = 0 V;
BOOT = 7 V
680
900
μA
ISVCC
VCC switching supply current
SD/OD = 5 V;
VBO = 6.5 V;
VS = 0 V; FSW = 500 kHz
0.8
mA
Low-side driver section supply
IQPVCC
PVCC vs. PGND
PVCC quiescent supply current
SD/OD = LIN = 5 V
150
μA
ISPVCC
PVCC switching supply current
VS = 0 V
FSW = 500 kHz
1.4
mA
RBLEED
GL vs. PGND
Low side gate bleeder
PVCC = PGND
75
100
125
kΩ
RONL
Low side turn on resistor
I(GL) = 1 mA (source)
50
ROFFL
Low side turn off resistor
I(GL) = 1 mA (sink)
2
High-side floating section supply
VBOthON
BOOT vs. OUTb
VBO UV turn ON threshold(2)
3.6
4.0
4.4
V
VBOthOFF
VBO UV turn OFF threshold(2)
3.4
3.7
4.0
V
VBOhys
VBO UV hysteresis(2)
0.1
0.3
0.5
V
IQBOU
VBO undervoltage quiescent
supply current(2)
VBO = 3.4 V
140
200
μA
IQBO
VBO quiescent supply current(2)
VBO = 6 V; LIN = GND;
SD/OD = HIN = 5 V;
217
μA
ISBO
BOOT
BOOT switching supply current
VBO = 6 V;
SD/OD = 5 V;
VS = 0 V; FSW = 500 kHz
2
mA
ILK
BOOT vs. SGND
High voltage leakage current
BOOT = OUT = 600 V
11
μA
RDBoot
VCC vs. BOOT
Bootstrap diode on resistance(3)
SD/OD = LIN = 5 V;
HIN = GND = PGND
140
175
Ω
MASTERGAN1
Electrical characteristics
DS13417 - Rev 3
page 7/27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com