Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MASTERGAN1TR Datasheet(PDF) 19 Page - STMicroelectronics

Part # MASTERGAN1TR
Description  High power density 600V Half bridge driver with two enhancement mode GaN HEMT
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MASTERGAN1TR Datasheet(HTML) 19 Page - STMicroelectronics

Back Button MASTERGAN1TR Datasheet HTML 15Page - STMicroelectronics MASTERGAN1TR Datasheet HTML 16Page - STMicroelectronics MASTERGAN1TR Datasheet HTML 17Page - STMicroelectronics MASTERGAN1TR Datasheet HTML 18Page - STMicroelectronics MASTERGAN1TR Datasheet HTML 19Page - STMicroelectronics MASTERGAN1TR Datasheet HTML 20Page - STMicroelectronics MASTERGAN1TR Datasheet HTML 21Page - STMicroelectronics MASTERGAN1TR Datasheet HTML 22Page - STMicroelectronics MASTERGAN1TR Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 27 page
background image
8
Package information
In order to meet environmental requirements, ST offers these devices in different grades of ECOPACK packages,
depending on their level of environmental compliance. ECOPACK specifications, grade definitions and product
status are available at: www.st.com. ECOPACK is an ST trademark.
8.1
QFN 9 x 9 x 1 mm, 31 leads, pitch 0.6 mm package information
Table 10. QFN 9 x 9 x 1 mm package dimensions
Symbol
Dimensions (mm)
Min.
Typ.
Max.
A
0.90
0.95
1.00
A3
0.10
b
0.25
0.30
0.35
D
8.96
9.00
9.04
E
8.96
9.00
9.04
D1
3.30
3.40
3.50
E1
2.06
2.16
2.26
D2
1.76
1.86
1.96
E2
3.10
3.20
3.30
D3
1.70
1.80
1.90
E3
3.10
3.20
3.30
e
0.60
K
0.24
L
0.35
0.45
0.55
N
31
aaa
0.10
bbb
0.10
ccc
0.10
ddd
0.05
eee
0.08
Note:
1.
Dimensioning and tolerances conform to ASME Y14.5-2009.
2.
All dimensions are in millimeters.
3.
N total number of terminals.
4.
Dimensions do not include mold protrusion, not to exceed 0.15 mm.
5.
Package outline exclusive of metal burr dimensions.
MASTERGAN1
Package information
DS13417 - Rev 3
page 19/27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com