Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MASTERGAN1TR Datasheet(PDF) 16 Page - STMicroelectronics

Part # MASTERGAN1TR
Description  High power density 600V Half bridge driver with two enhancement mode GaN HEMT
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MASTERGAN1TR Datasheet(HTML) 16 Page - STMicroelectronics

Back Button MASTERGAN1TR Datasheet HTML 12Page - STMicroelectronics MASTERGAN1TR Datasheet HTML 13Page - STMicroelectronics MASTERGAN1TR Datasheet HTML 14Page - STMicroelectronics MASTERGAN1TR Datasheet HTML 15Page - STMicroelectronics MASTERGAN1TR Datasheet HTML 16Page - STMicroelectronics MASTERGAN1TR Datasheet HTML 17Page - STMicroelectronics MASTERGAN1TR Datasheet HTML 18Page - STMicroelectronics MASTERGAN1TR Datasheet HTML 19Page - STMicroelectronics MASTERGAN1TR Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 27 page
background image
The MASTERGAN1 VCC supply voltage is continuously monitored by an under-voltage lockout (UVLO) circuitry
that turns both the high-side and low-side GaN transistors off when the supply voltage goes below the VCC_thOFF
threshold. The UVLO circuitry turns on the GaN, according to LIN and HIN status, as soon as the supply voltage
goes above the VCCthON voltage. A VCChys hysteresis is provided for noise rejection purpose.
Figure 16. VCC UVLO and Low Side
VCC = PVCC
VCCthON
VCCthOFF
UVLO VCC
0V
0V
VCC rise
LIN
GL-PGND
0V
PVCC
6.4
VBO UVLO protection
Dedicated undervoltage protection is available on the bootstrap section between BOOT and OUTb supply pins. In
order to avoid intermittent operation, a hysteresis sets the turn-off threshold with respect to the turn-on threshold.
When VBO voltage goes below VBOthOFF threshold the high-side GaN transistor is switched off. When VBO voltage
reaches VBOthON threshold the device returns to normal operation and the output remains off until the detection of
the HIN pin's rising edge, that activates the high side transistor's turn-on.
Figure 17. VBO UVLO and High Side
VCC
VCCthON
VCCthOFF
HIN
UVLO VBO
0V
0V
VBO rise
(GH-OUTB)
VBO
0V
VBOthON
VBOthOFF
0V
VBO
MASTERGAN1
VBO UVLO protection
DS13417 - Rev 3
page 16/27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com