Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPIC5423LDW Datasheet(PDF) 7 Page - Texas Instruments

Part # TPIC5423LDW
Description  4-CHANNEL INDEPENDENT GATE-PROTECTED LOGIC-LEVEL POWER DMOS ARRAY
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPIC5423LDW Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPIC5423LDW Datasheet HTML 3Page - Texas Instruments TPIC5423LDW Datasheet HTML 4Page - Texas Instruments TPIC5423LDW Datasheet HTML 5Page - Texas Instruments TPIC5423LDW Datasheet HTML 6Page - Texas Instruments TPIC5423LDW Datasheet HTML 7Page - Texas Instruments TPIC5423LDW Datasheet HTML 8Page - Texas Instruments TPIC5423LDW Datasheet HTML 9Page - Texas Instruments TPIC5423LDW Datasheet HTML 10Page - Texas Instruments TPIC5423LDW Datasheet HTML 11Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
TPIC5423L
4-CHANNEL INDEPENDENT GATE-PROTECTED LOGIC-LEVEL
POWER DMOS ARRAY
SLIS045 – NOVEMBER 1994
2–7
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
STATIC DRAIN-TO-SOURCE ON-STATE RESISTANCE
vs
DRAIN CURRENT
ID – Drain Current – A
DRAIN CURRENT
vs
DRAIN-TO-SOURCE VOLTAGE
VDS – Drain-to-Source Voltage – V
0.4
0.3
0.2
0.1
0.5
0.6
0.7
0.8
0.9
1
110
VGS = 4.5 V
TJ = 25°C
1
0
2
3
12
3
4
4
56
7
8
9
10
0
VGS = 4 V
VGS = 3 V
VGS = 5 V
nVGS = 0.2 V
TJ = 25°C
Figure 7
Figure 8
DISTRIBUTION OF
FORWARD TRANSCONDUCTANCE
gfs – Forward Transconductance – S
DRAIN CURRENT
vs
GATE-TO-SOURCE VOLTAGE
VGS – Gate-to-Source Voltage – V
35
25
15
0
45
60
55
50
40
30
20
10
5
Total Number of
Units = 1040
VDS = 15 V
ID = 0.625 A
TJ = 25°C
3
2
1
0
4
12
3
4
5
TJ = 125°C
TJ = 150°C
TJ = 25°C
TJ = – 40°C
TJ = 75°C
Figure 9
Figure 10



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com