Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPIC5423LDW Datasheet(PDF) 8 Page - Texas Instruments

Part # TPIC5423LDW
Description  4-CHANNEL INDEPENDENT GATE-PROTECTED LOGIC-LEVEL POWER DMOS ARRAY
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPIC5423LDW Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPIC5423LDW Datasheet HTML 3Page - Texas Instruments TPIC5423LDW Datasheet HTML 4Page - Texas Instruments TPIC5423LDW Datasheet HTML 5Page - Texas Instruments TPIC5423LDW Datasheet HTML 6Page - Texas Instruments TPIC5423LDW Datasheet HTML 7Page - Texas Instruments TPIC5423LDW Datasheet HTML 8Page - Texas Instruments TPIC5423LDW Datasheet HTML 9Page - Texas Instruments TPIC5423LDW Datasheet HTML 10Page - Texas Instruments TPIC5423LDW Datasheet HTML 11Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
TPIC5423L
4-CHANNEL INDEPENDENT GATE-PROTECTED LOGIC-LEVEL
POWER DMOS ARRAY
SLIS045 – NOVEMBER 1994
2–8
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
SOURCE-TO-DRAIN DIODE CURRENT
vs
SOURCE-TO-DRAIN VOLTAGE
VSD – Source-to-Drain Voltage – V
CAPACITANCE
vs
DRAIN-TO-SOURCE VOLTAGE
VDS – Drain-to-Source Voltage – V
0.6
0.4
0.2
0.1
1
2
4
10
6
0.1
10
1
TJ = – 40°C
TJ = 25°C
TJ = 75°C
TJ = 150°C
TJ = 125°C
VGS = 0
200
160
80
40
0
360
120
0
4
8
121620
24
280
240
320
400
28
32
36
40
VGS = 0
f = 1 MHz
TJ = 25°C
Ciss
Coss
Crss
CisS(0) = 301 pF
Coss(0) = 384 pF
Crss(0) = 144 pF
Figure 11
Figure 12
DRAIN-TO-SOURCE VOLTAGE AND
GATE-TO-SOURCE VOLTAGE
vs
GATE CHARGE
Qg – Gate Charge – nC
6
4
2
0
8
10
12
30
20
10
0
01
2
40
50
60
34
6
7
5
ID = 0.625 A
TJ = 25°C
See Figure 3
VDD = 20 V
VDD = 30 V
VDD = 48 V
VDD = 20 V
REVERSE-RECOVERY TIME
vs
REVERSE di/dt
Reverse di/dt – A/
µs
75
50
25
0
0
100
200
100
125
150
300
400
500
600
VDS = 48 V
VGS = 0
IS = 0.625 A
TJ = 25°C
See Figure 1
Z1, Z2, Z3, and Z4
D1, D2, D3, and D4
Figure 13
Figure 14



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com