Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPIC5423LDW Datasheet(PDF) 9 Page - Texas Instruments

Part # TPIC5423LDW
Description  4-CHANNEL INDEPENDENT GATE-PROTECTED LOGIC-LEVEL POWER DMOS ARRAY
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPIC5423LDW Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPIC5423LDW Datasheet HTML 3Page - Texas Instruments TPIC5423LDW Datasheet HTML 4Page - Texas Instruments TPIC5423LDW Datasheet HTML 5Page - Texas Instruments TPIC5423LDW Datasheet HTML 6Page - Texas Instruments TPIC5423LDW Datasheet HTML 7Page - Texas Instruments TPIC5423LDW Datasheet HTML 8Page - Texas Instruments TPIC5423LDW Datasheet HTML 9Page - Texas Instruments TPIC5423LDW Datasheet HTML 10Page - Texas Instruments TPIC5423LDW Datasheet HTML 11Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
TPIC5423L
4-CHANNEL INDEPENDENT GATE-PROTECTED LOGIC-LEVEL
POWER DMOS ARRAY
SLIS045 – NOVEMBER 1994
2–9
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
THERMAL INFORMATION
MAXIMUM DRAIN CURRENT
vs
DRAIN-TO-SOURCE VOLTAGE
VDS – Drain-to-Source Voltage – V
† Less than 2% duty cycle
10
1
0.1
0.1
1
10
100
1 ms†
500
µs†
TC = 25°C
θJA‡
θJP§
‡ Device mounted on FR4 printed-circuit board with no heatsink.
§ Device mounted in intimate contact with infinite heatsink.
10 ms†
1
µs†
DC Conditions
Figure 15
MAXIMUM PEAK AVALANCHE CURRENT
vs
TIME DURATION OF AVALANCHE
tav – Time Duration of Avalanche – ms
10
1
TC = 25°C
TC = 125°C
0.01
0.1
1
10
100
See Figure 4
Figure 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com