Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M74HC238TTR Datasheet(PDF) 1 Page - STMicroelectronics

Part # M74HC238TTR
Description  3 TO 8 LINE DECODER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HC238TTR Datasheet(HTML) 1 Page - STMicroelectronics

  M74HC238TTR Datasheet HTML 1Page - STMicroelectronics M74HC238TTR Datasheet HTML 2Page - STMicroelectronics M74HC238TTR Datasheet HTML 3Page - STMicroelectronics M74HC238TTR Datasheet HTML 4Page - STMicroelectronics M74HC238TTR Datasheet HTML 5Page - STMicroelectronics M74HC238TTR Datasheet HTML 6Page - STMicroelectronics M74HC238TTR Datasheet HTML 7Page - STMicroelectronics M74HC238TTR Datasheet HTML 8Page - STMicroelectronics M74HC238TTR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1/10
July 2001
s
HIGH SPEED:
tPD = 15ns (TYP.) at VCC = 6V
s
LOW POWER DISSIPATION:
ICC = 4µA(MAX.) at TA=25°C
s
HIGH NOISE IMMUNITY:
VNIH = VNIL = 28 % VCC (MIN.)
s
SYMMETRICAL OUTPUT IMPEDANCE:
|IOH| = IOL = 4mA (MIN)
s
BALANCED PROPAGATION DELAYS:
tPLH ≅ tPHL
s
WIDE OPERATING VOLTAGE RANGE:
VCC (OPR) = 2V to 6V
s
PIN AND FUNCTION COMPATIBLE WITH
74 SERIES 238
DESCRIPTION
The M74HC238 is an high speed CMOS 3 TO 8
LINE DECODER fabricated with silicon gate
C2MOS technology.
If the device is enabled, 3 binary select inputs (A,
B and C) determine which one of outputs will go
high. When enable input G1 is held "Low" or either
G2A or G2B is held "High" decoding function is
inhibited and all the 8 outputs go low. Three
enable inputs are provided to ease cascade
connection
and
application
of
this
address
decoder in memory systems.
All inputs are equipped with protection circuits
against static discharge and transient excess
voltage.
M74HC238
3 TO 8 LINE DECODER
PIN CONNECTION AND IEC LOGIC SYMBOLS
ORDER CODES
PACKAGE
TUBE
T & R
DIP
M74HC238B1R
SOP
M74HC238M1R
M74HC238RM13TR
TSSOP
M74HC238TTR
TSSOP
DIP
SOP


Similar Part No. - M74HC238TTR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M74HC238 STMICROELECTRONICS-M74HC238 Datasheet
247Kb / 10P
3 TO 8 LINE DECODER
Oct-1993
M74HC238B1R STMICROELECTRONICS-M74HC238B1R Datasheet
247Kb / 10P
3 TO 8 LINE DECODER
Oct-1993
M74HC238C1R STMICROELECTRONICS-M74HC238C1R Datasheet
247Kb / 10P
3 TO 8 LINE DECODER
Oct-1993
M74HC238M1R STMICROELECTRONICS-M74HC238M1R Datasheet
247Kb / 10P
3 TO 8 LINE DECODER
Oct-1993
More results

Similar Description - M74HC238TTR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74VHC238 STMICROELECTRONICS-74VHC238 Datasheet
64Kb / 8P
3 TO 8 LINE DECODER
Jun-1999
74VHCT238A STMICROELECTRONICS-74VHCT238A Datasheet
63Kb / 8P
3 TO 8 LINE DECODER
Mar-2000
logo
Toshiba Semiconductor
TC74VHC238F TOSHIBA-TC74VHC238F Datasheet
234Kb / 6P
3-TO-8 LINE DECODER
TC74VHCT138AF TOSHIBA-TC74VHCT138AF Datasheet
240Kb / 7P
3-TO-8 LINE DECODER
06-Aug-1997
TC7MH238FK TOSHIBA-TC7MH238FK Datasheet
204Kb / 5P
3-TO-8 LINE DECODER
logo
Fairchild Semiconductor
MM74HC138 FAIRCHILD-MM74HC138 Datasheet
73Kb / 7P
3-to-8 Line Decoder
logo
Toshiba Semiconductor
TC74HC138AP TOSHIBA-TC74HC138AP_07 Datasheet
336Kb / 9P
3-to-8 Line Decoder
TC7MH238FK TOSHIBA-TC7MH238FK_07 Datasheet
190Kb / 7P
3-to-8 Line Decoder
TC74HCT138AF TOSHIBA-TC74HCT138AF_12 Datasheet
236Kb / 7P
3-to-8 Line Decoder
74VHC138FT TOSHIBA-74VHC138FT Datasheet
208Kb / 9P
3-to-8 Line Decoder
2016-08-18
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com