Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32MP153F Datasheet(PDF) 30 Page - List of Unclassifed Manufacturers

Part # STM32MP153F
Description  ST STM32MP15x, DDR3L, STPMIC1A,4KB EEPROM, Oscillator and passive components integrated into a single package
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

STM32MP153F Datasheet(HTML) 30 Page - List of Unclassifed Manufacturers

Back Button STM32MP153F Datasheet HTML 26Page - List of Unclassifed Manufacturers STM32MP153F Datasheet HTML 27Page - List of Unclassifed Manufacturers STM32MP153F Datasheet HTML 28Page - List of Unclassifed Manufacturers STM32MP153F Datasheet HTML 29Page - List of Unclassifed Manufacturers STM32MP153F Datasheet HTML 30Page - List of Unclassifed Manufacturers STM32MP153F Datasheet HTML 31Page - List of Unclassifed Manufacturers STM32MP153F Datasheet HTML 32Page - List of Unclassifed Manufacturers STM32MP153F Datasheet HTML 33Page - List of Unclassifed Manufacturers STM32MP153F Datasheet HTML 34Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 38 page
background image
30
OSD32MP15x Datasheet
Rev. 7 11/30/2022
Octavo Systems LLC
Copyright 2020-2022
7.5 Power Output
The OSD32MP15x produces the following output power supplies that can be used for general
system power. Each of the output voltages can be programed by the STM32MP15x processor
via the I2C bus. Each of the power supplies has a default output voltage and rank as specified
in the STPMIC1A column of Table 1 of the STPMIC1 datasheet. The non-volatile memory
(NVM) of the PMIC can be set to change the default output voltage and rank of the power
supplies. By default, the final power configuration is set in the Device Tree during boot.
When changing the output voltage of any of the power outputs listed below, all power
dependencies must be comprehended, and each power input must have enough input voltage
and input current. For example, the power input for PMIC_LDO1 and PMIC_LDO6 is internally
connected to PMIC_VOUT4 power output. Each of the LDOs has a maximum dropout voltage
of 300mV. Therefore, to set either of the LDOs to 3.3V, PMIC_VOUT4 must also be set to 3.6V.
Please refer to the Power Block Diagram to understand which power inputs and outputs are
connected within the OSD32MP15x.
Please refer to the datasheet for the STPMIC1A and the STMP32MP15x in the Reference
Documents section for more information.
7.5.1 PMIC_VOUT4
PMIC_VOUT4 is produced by Buck4 of the STPMIC1A. The input of Buck4 is tied to the VIN
pin of the OSD32MP15x. By default, it is configured to operate at 3.3V and will start
automatically 10ms after a “Turn_ON” condition. It can be programmed to have a voltage
output from 0.6V to 3.9V.
7.5.2 PMIC_LDO1
PMIC_LDO1 is produced by LDO1 of the STPMIC1A. The input of LDO1 is tied to
PMIC_VOUT4 (Buck4 Output) internal to the OSD32MP15x. By default, LDO1 is configured to
operate at 1.8V and will not start automatically. It can be programmed to have a voltage output
from 1.7V to 3.3V.
Note that PMIC_LDO1 and PMIC_LDO6 are powered by PMIC_VOUT4. The total load on
these LDOs plus any external load on PMIC_VOUT4 must not exceed the capabilities of the
Buck4 regulator outlined in Section 8.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com