Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32MP153F Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # STM32MP153F
Description  ST STM32MP15x, DDR3L, STPMIC1A,4KB EEPROM, Oscillator and passive components integrated into a single package
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

STM32MP153F Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  STM32MP153F Datasheet HTML 1Page - List of Unclassifed Manufacturers STM32MP153F Datasheet HTML 2Page - List of Unclassifed Manufacturers STM32MP153F Datasheet HTML 3Page - List of Unclassifed Manufacturers STM32MP153F Datasheet HTML 4Page - List of Unclassifed Manufacturers STM32MP153F Datasheet HTML 5Page - List of Unclassifed Manufacturers STM32MP153F Datasheet HTML 6Page - List of Unclassifed Manufacturers STM32MP153F Datasheet HTML 7Page - List of Unclassifed Manufacturers STM32MP153F Datasheet HTML 8Page - List of Unclassifed Manufacturers STM32MP153F Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 38 page
background image
4
OSD32MP15x Datasheet
Rev. 7 11/30/2022
Octavo Systems LLC
Copyright 2020-2022
1 Revision History
Revision Number
Revision Date
Changes
Author
1.0
2/25/2020
Initial Revision for Production Device
Greg Sheridan,
Erik Welsh,
Neeraj Dantu,
Eshtaartha Basu
1.1
4/6/2020
Update Electrical Characteristics,
minor additions to references and pin
descriptions
Neeraj Dantu
2.0
8/28/2020
Rotated Ball Map so that A1 is now in
the top left corner. Added references to
the default DDR configuration register
settings and the VINOK_Threshold Updated
comment for PMIC_PONKEYN signal.
Updated Figure 7.1
Greg Sheridan
3.0
9/17/2020
Added Different Processor Variations,
Clarified VDD connection requirements
Greg Sheridan
4.0
1/29/2021
Added information on 1.8V operation,
Landing Pad Size, and Differences
between the STM32MP1 processors.
Updated Reference Documents.
Greg Sheridan
5.0
6/15/2021
Added Extended Temperature Option,
and reference to the Thermal Guide
Greg Sheridan
6.0
02/02/2022
Updated sections 7.6.7, 7.6.8, and
7.6.9
Eshtaartha Basu
7.0
11/30/2022
Added PMIC I2C address, Added a
Note in the Processor Comparison
section
Eshtaartha Basu,
Greg Sheridan



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com