Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32MP153F Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # STM32MP153F
Description  ST STM32MP15x, DDR3L, STPMIC1A,4KB EEPROM, Oscillator and passive components integrated into a single package
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

STM32MP153F Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button STM32MP153F Datasheet HTML 3Page - List of Unclassifed Manufacturers STM32MP153F Datasheet HTML 4Page - List of Unclassifed Manufacturers STM32MP153F Datasheet HTML 5Page - List of Unclassifed Manufacturers STM32MP153F Datasheet HTML 6Page - List of Unclassifed Manufacturers STM32MP153F Datasheet HTML 7Page - List of Unclassifed Manufacturers STM32MP153F Datasheet HTML 8Page - List of Unclassifed Manufacturers STM32MP153F Datasheet HTML 9Page - List of Unclassifed Manufacturers STM32MP153F Datasheet HTML 10Page - List of Unclassifed Manufacturers STM32MP153F Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 38 page
background image
7
OSD32MP15x Datasheet
Rev. 7 11/30/2022
Octavo Systems LLC
Copyright 2020-2022
Table 2-2 - OSD32MP15x Capacitors (Approximate Bulk Capacitance)
From
To
Device
Description
Type
Value
VIN
DGND
STPMIC1
VIN input capacitance
C
25uF
PMIC_BSTIN
DGND
STPMIC1
PMIC_BSTIN input capacitance
C
4.7uF
PMIC_LDO25IN
DGND
STPMIC1
VIN_BAT input capacitance
C
1uF
PMIC_VOUT4
DGND
STPMIC1
PMIC_VOUT4 output capacitance
C
22uF
PMIC_BSTOUT
DGND
STPMIC1
PMIC_BSTOUT output capacitance
C
10uF
PMIC_SWOUT
DGND
STPMIC1
PMIC_SWOUT output capacitance
C
4.7uF
PMIC_LDO1
DGND
STPMIC1
PMIC_LDO1 output capacitance
C
4.7uF
PMIC_LDO2
DGND
STPMIC1
PMIC_LDO2 output capacitance
C
4.7uF
PMIC_LDO5
DGND
STPMIC1
PMIC_LDO5 output capacitance
C
4.7uF
PMIC_LDO6
DGND
STPMIC1
PMIC_LDO6 output capacitance
C
4.7uF
Table 2-3 - OSD32MP15x Recommended Capacitors* (Approximate Bulk Capacitance)
From
To
Device
Description
Type
Value
PMIC_BSTIN
DGND
STPMIC1
PMIC_BSTIN input capacitance
C
4.7uF
PMIC_BSTOUT
DGND
STPMIC1
PMIC_BSTOUT output capacitance
C
10uF(1)
PMIC_VBUSOTG
DGND
STPMIC1
PMIC_VBUSOTG output capacitance
C
4.7uF(1)
PMIC_SWIN
DGND
STPMIC1
PMIC_SWIN input capacitance
C
4.7uF
PMIC_SWOUT
DGND
STPMIC1
PMIC_SWOUT output capacitance
C
4.7uF(1)
* Capacitors only needed if the given power rail is being used.
(1) Additional 220uF of capacitance recommended if power rail used to power a USB Host port.
Table 2-4 - OSD32MP15x Resistors (Pull-ups / Pull-downs)
From
To
Device
Description
Type
Value
PDR_ON
VDD
STM32MP15x
PDR_ON input pull-up
R
10K Ohm
PDR_ON_CORE
VDD
STM32MP15x
PDR_ON_CORE input pull-up
R
10K Ohm
PZ4/PMIC_SCL
VDD
STM32MP15x
I2C4 SCL pull-up
R
1.5K Ohm
PZ5/PMIC_SDA
VDD
STM32MP15x
I2C4 SDA pull-up
R
1.5K Ohm
EEPROM_WP
VDD
EEPROM
EEPROM WP pull-up
R
10K Ohm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com