Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RAM-MOUNT-07E Datasheet(PDF) 5 Page - Advantech Co., Ltd.

Part # RAM-MOUNT-07E
Description  10" Industrial-Grade Tablet with 7th Generation Intel® Core™ i3/i5/i7/ Celeron® Processor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

RAM-MOUNT-07E Datasheet(HTML) 5 Page - Advantech Co., Ltd.

  RAM-MOUNT-07E Datasheet HTML 1Page - Advantech Co., Ltd. RAM-MOUNT-07E Datasheet HTML 2Page - Advantech Co., Ltd. RAM-MOUNT-07E Datasheet HTML 3Page - Advantech Co., Ltd. RAM-MOUNT-07E Datasheet HTML 4Page - Advantech Co., Ltd. RAM-MOUNT-07E Datasheet HTML 5Page - Advantech Co., Ltd. RAM-MOUNT-07E Datasheet HTML 6Page - Advantech Co., Ltd. RAM-MOUNT-07E Datasheet HTML 7Page - Advantech Co., Ltd. RAM-MOUNT-07E Datasheet HTML 8Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Optional Accessories and Extension
Modules for the PWS-870/872 Series
PWS-870/872
Peripherals
Universal Cover Package
Additional I/O
Features
ƒ
Material: Plastic, PVC
ƒ
Color: Black
ƒ
Dimensions: 305 x 254.2 x 88.4 mm
ƒ
(12 x 10 x 3.48 in)
ƒ
Weight: 500 g (1.10 lb)
ƒ
Package contents: Universal cover
with handle, stand, strap, and holster
options
Features
ƒ
Interfaces: 1 x USB 3.0 (type A, 5V/0.9A), 2 x RS-232 (D-sub 9), 1 x 10/100/1000
Ethernet (RJ45)
ƒ
Operating temperature: -20 ~ 50 °C (-4 ~ 122 °F)
ƒ
Dimensions: 192.2 x 45.2 x 25 mm (7.56 x 1.77 x 0.98 in)
ƒ
Weight: 140 g (0.30 lb)
MSR and Smart Card Reader
Features
ƒ
Smart Card Reader
– ISO 7816 PC/SC
– EMV 4.0 Level 1
– Supports I2C memory cards (SLE4418, SLE4428, SLE4432, SLE4442, SLE4436,
SLE5536, SLE6636, AT88SC1608, AT45D041)
ƒ
Magnetic Stripe Reader
– MagneSafe™ IntelliHead
– Supports US 7810, ISO 7811/AAMVA
– Read speed: 6 ~ 60 IPS (15.4 ~ 12.4 cm)
– Triple DES encryption
– DUKPT key management
ƒ
Operating temperature: -20 ~ 50 °C (-4 ~ 122 °F)
ƒ
Storage temperature: -20 ~ 60 °C (-4 ~ 140 °F)
ƒ
Dimensions: 192.2 x 40.2 x 25 mm (7.56 x 1.58 x 0.98 in)
ƒ
Weight: 120 g (0.26 lb)
Extension Modules



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com