Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RAM-MOUNT-07E Datasheet(PDF) 8 Page - Advantech Co., Ltd.

Part # RAM-MOUNT-07E
Description  10" Industrial-Grade Tablet with 7th Generation Intel® Core™ i3/i5/i7/ Celeron® Processor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

RAM-MOUNT-07E Datasheet(HTML) 8 Page - Advantech Co., Ltd.

  RAM-MOUNT-07E Datasheet HTML 1Page - Advantech Co., Ltd. RAM-MOUNT-07E Datasheet HTML 2Page - Advantech Co., Ltd. RAM-MOUNT-07E Datasheet HTML 3Page - Advantech Co., Ltd. RAM-MOUNT-07E Datasheet HTML 4Page - Advantech Co., Ltd. RAM-MOUNT-07E Datasheet HTML 5Page - Advantech Co., Ltd. RAM-MOUNT-07E Datasheet HTML 6Page - Advantech Co., Ltd. RAM-MOUNT-07E Datasheet HTML 7Page - Advantech Co., Ltd. RAM-MOUNT-07E Datasheet HTML 8Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
www.advantech.com/products
Online Download
Features
Docking Station for the
PWS-870/872 Series
PWS-870/872
Peripherals
Dimensions
Unit: mm
223.8
223.8
146.7
Specifications
I/O
1 x LAN (10/100/1000)
1 x VGA
1 x RS-232
2 x USB 3.0 host connectors
1 x DC-in (19V ± 5%)
Environment
Operating temperature: -20 ~ 50 °C (-4 ~ 122 °F)
Storage temperature: -20 ~ 60 °C (-4 ~ 140 °F)
Humidity: 5 ~ 95%
Certifications
CE, FCC, UL, CB
Dimensions
223.8 x 146.7 x 128.5 mm (8.81 x 5.77 x 5.05 in)
Weight
820 g (1.80 lb)
ƒ
Provides complete port replication for PWS-870/872 tablets
ƒ
Wide operating temperature range (-20 ~ 50 °C/-4 ~ 122 °F)
Introduction
The desk docking station supports both the PWS-870 and PWS-872 series. Designed to provide a stable platform for positioning the tablet on a desk or countertop, the desk
docking station allows data transfers and synchronization and supports battery recharging. Moreover, the provision of replica I/O ports ensures convenient connectivity to
peripherals for full tablet functionality.
1 2 3
5
4
No. Component
Function
1
LAN port
Connect an RJ-45 cable to access LAN connection
2
VGA port
Connect a VGA port to connect to another monitor
3
Serial port
Connect a serial cable to connect to another PC
4
USB ports
Connect USB connectors to transfer data
5
DC-in
Connect the AC adapter to charge the battery
Note: To prevent damage to the desk docking station, only use the desk docking station
with PWS-870/872 tablets.
Ordering Information
Part Number
Description
PWS-870-CRADLE00E
Desk docking station for PWS-870/872
Note: This product does not include a power adapter. Use the standard tablet power adapter.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com