Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RAM-MOUNT-07E Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # RAM-MOUNT-07E
Description  10" Industrial-Grade Tablet with 7th Generation Intel® Core™ i3/i5/i7/ Celeron® Processor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

RAM-MOUNT-07E Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  RAM-MOUNT-07E Datasheet HTML 1Page - Advantech Co., Ltd. RAM-MOUNT-07E Datasheet HTML 2Page - Advantech Co., Ltd. RAM-MOUNT-07E Datasheet HTML 3Page - Advantech Co., Ltd. RAM-MOUNT-07E Datasheet HTML 4Page - Advantech Co., Ltd. RAM-MOUNT-07E Datasheet HTML 5Page - Advantech Co., Ltd. RAM-MOUNT-07E Datasheet HTML 6Page - Advantech Co., Ltd. RAM-MOUNT-07E Datasheet HTML 7Page - Advantech Co., Ltd. RAM-MOUNT-07E Datasheet HTML 8Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Features
PWS-872
10" Industrial-Grade Tablet with
7th Generation Intel® Core™ i3/i5/i7/
Celeron® Processor
ƒ
Equipped with DeviceOn/iService software for remote device management
ƒ
7th generation Intel® Core™ i3/i5/i7/Celeron® processor with integrated
Intel® Turbo Boost technology
ƒ
10.1" high-brightness WXGA LED display with scratch-resistant Corning®
Gorilla® Glass 3 panel
ƒ
Multi-touch PCAP touchscreen with support for gloved operation
ƒ
Rugged design with MIL-STD-810G certification, IP65 rating, and 4-ft. drop
tolerance
ƒ
4G LTE, WLAN (802.11 a/b/g/n/ac), Bluetooth 4.1, and GPS modules with
BeiDou/GLONASS support
ƒ
Built-in front and rear cameras, 1D/2D barcode scanner, and NFC RFID reader
ƒ
Hot-swappable battery supports up to 11 hours operation*
ƒ
Microsoft® Windows 10 OS
ƒ
Optional peripherals include vehicle docking station, desk docking station,
and multiple extension modules
Introduction
PWS-872 is an industrial-grade tablet equipped with an Intel® Core™ i3/i5/i7/Celeron® processor, 10.1" WUXGA LED display with multi-touch PCAP control, mSATA SATA III
SSD storage, multiple I/O, and Wi-Fi (802.11 a/b/g/n/ac), NFC, 3G/4G LTE, and Bluetooth 4.1 communication technologies. The built-in front (2M) and rear (8M) cameras, 1D/2D
barcode scanner, and NFC reader provide convenient data collection tools, and the high-brightness sunlight-readable display supports outdoor applications. For mobile field-service
applications, PWS-872 can be integrated with a hot-swappable external battery that supports up to 11 hours operation to enable long-duration use. Designed for harsh environments,
PWS-872 is also MIL-STD-810G certified for shock and vibration tolerance, IP65 rated for protection from water and dust ingress, and can withstand drops of up to 4 ft. Moreover,
PWS-872 can be integrated with a wide range of peripherals, such as a vehicle docking station, multi-bay battery charger, universal cover, and various I/O extension modules, to
provide application-specific solutions.
Moreover, PWS-872 is equipped with Advantech’s DeviceOn/iService software, which is a next-generation unified device management solution based on the WISE-DeviceOn platform.
With support for batch operations and multi-device control, DeviceOn/iService enables easy device configuration and deployment for convenient remote device management.
Specifications
Core
CPU & Chipset
Intel® Celeron® 3965U, 2.2 GHz
Intel® Core™ i3-7100U, 2.4 GHz
Intel® Core™ i5-7300U, 2.6 GHz (3.5 GHz Intel® Turbo Boost)
Intel® Core™ i7-7600U, 2.8 GHz (3.9 GHz with Intel® Turbo Boost)
Memory
SODIMM DDR4, 2100 MHz (up to 16 GB)
Storage
mSATA SATA III SSD (64 GB ~ 1 TB)
Display
Display
WXGA LED display with resolution, 300-nit brightness, anti-glare surface for sunlight readability, and LED backlight
Touch Panel
Multi-touch projected capacitive touchscreen with scratch-resistant Corning® Gorilla® Glass 3 panel and support for
gloved operation
Sensor
Ambient light, accelerometer (g-sensor), e-compass, gyroscope (0°, 90°, 270° screen rotation)
System
WLAN+Bluetooth
IEEE 802.11 a/b/g/n/ac wave 2 + Bluetooth 4.1 EDR
WWAN
4G LTE, HSPA+/UMTS, GSM/GPRS/EDGE (optional)
PLS8-E for EU 800/900/1800/2600, PLS8-X for US 700/850/AWS/1900 (optional)
GNSS
Integrated GPS, BeiDou, GLONASS
Camera
Front: 2 megapixel CMOS sensor camera with video streaming support
Rear: 8 megapixel CMOS sensor camera with LED flash and auto focus
Data Collection
Optional 1D barcode scanner (Honeywell N4313), 2D barcode scanner (Honeywell N3680), and NFC RFID reader (13.56
MHz, supports ISO14443A/B, ISO15693, MIFARE, FeliCa)
Security
1 x Fingerprint scanner (optional), 1 x Trusted Platform Module 1.2, 1 x Kensington Security Slot
Audio
2 x 2W speakers, 1 x microphone
Input
Multi-touch projected capacitive touchscreen, 2 x programmable buttons, 5 x programmable capacitive touch sensor
inputs, 1 x capacitive stylus, on-screen QWERTY keyboard
LED Indicators
Power, battery, RFID
I/O
2 x USB 3.0, 1 x USB 2.0
1 x HDMI 1.4
1 x SD card slot (SDXC/UHS1/UHS2)
1 x Audio combo jack (line-in/line-out)
1 x DC-in
1 x SIM slot
1 x Docking port (32 pin) (USB 3.0, USB 2.0, PCIE 2.0, DisplayPort)
Battery
Main battery: 4S1P 14.4V 2730mAh
Hot-swappable external battery: 4S2P 14.4V 4300mAh (supports up to 11 hours operation*)
Power Input
19V ± 5%
OS
Microsoft® Windows 10 IoT (64 bit), Linux Ubuntu1604
* The estimated battery life is based on MobileMark® 2014 benchmark. Actual battery performance will vary according to system settings and configuration.
* WIFI certification only; LTE certification by project.
44
All product specifications are subject to change without notice.
Last updated: 17-Oct-2022


Similar Part No. - RAM-MOUNT-07E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
RAM-MOUNT-07E ADVANTECH-RAM-MOUNT-07E Datasheet
1Mb / 2P
RISC All-in-One Mobile Data Terminal
RAM-MOUNT-07E ADVANTECH-RAM-MOUNT-07E Datasheet
1Mb / 5P
10" Industrial Tablet with 4th Generation Intel Core i Processor
RAM-MOUNT-07E ADVANTECH-RAM-MOUNT-07E Datasheet
1Mb / 5P
10 Industrial Tablet with 4th Generation Intel® Core™ i Processor
4-Jun-2020
RAM-MOUNT-07E ADVANTECH-RAM-MOUNT-07E Datasheet
1Mb / 9P
10.1" Medical Grade Tablet with Qualcomm® Snapdragon™ 660
10-May-2022
RAM-MOUNT-07E ADVANTECH-RAM-MOUNT-07E Datasheet
1Mb / 10P
10.1" Industrial Tablet with Qualcomm Processor
14-Jun-2022
More results

Similar Description - RAM-MOUNT-07E

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
GENE-ADP6 AAEON-GENE-ADP6 Datasheet
572Kb / 2P
3.5” SubCompact Board with 12th Generation Intel® Core™ i7/i5/i3/Celeron® Processor SoC
2023/01/19
GENE-CML5 AAEON-GENE-CML5 Datasheet
447Kb / 2P
3.5” SubCompact Board with 10th Generation Intel® Core™ i7/i5/i3/Pentium®/Celeron® Processor
2022/10/25
GENESYS-CML5 AAEON-GENESYS-CML5 Datasheet
476Kb / 2P
3.5” SubCompact Board System with 10th Generation Intel® Core™ i7/i5/i3/Pentium®/Celeron® Processor SoC
2022/10/05
GENESYS-KBU6 AAEON-GENESYS-KBU6 Datasheet
390Kb / 2P
3.5" SubCompact Board System with 7th Generation Intel® Core™ i7/i5/i3/Celeron® Processor SoC
2022/12/14
GENESYSM-ADP6 AAEON-GENESYSM-ADP6 Datasheet
390Kb / 2P
3.5” SubCompact Board System with 12th Generation Intel® Core™ i7/i5/i3/Celeron® Processor SoC
2022/11/16
GENE-WHU6 AAEON-GENE-WHU6 Datasheet
582Kb / 2P
3.5” SubCompact Board with 8th Generation Intel® Core™ i7/i5/i3/Celeron® Processor SoC
2022/10/25
GENESYS-WHU6 AAEON-GENESYS-WHU6 Datasheet
483Kb / 2P
3.5" SubCompact Board System with 8th Generation Intel® Core™ i7/i5/i3/Celeron® Processor SoC
2022/10/05
PICO-KBU4-SEMI AAEON-PICO-KBU4-SEMI Datasheet
538Kb / 2P
Pico-SEMI TurnKit with 7th Generation Intel® Core™ i7/i5/i3/Celeron® U-Series Processor SoC
2022/11/08
PICO-KBU4 AAEON-PICO-KBU4 Datasheet
611Kb / 2P
Pico-ITX Board with 7th Generation Intel® Core™ i7/i5/i3/Celeron® U-Series Processor SoC
2022/10/04
UPX-EDGE-ADLPI7-A10-16128 AAEON-UPX-EDGE-ADLPI7-A10-16128 Datasheet
473Kb / 2P
UP Xtreme i12 system with 12th generation Intel® Core™ i7/i5/i3/Celeron® Processor SoC
2023/02/16
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com