Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL1461MPAS Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # SL1461MPAS
Description  WIDEBAND PLL FM DEMODULATOR
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SL1461MPAS Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  SL1461MPAS Datasheet HTML 1Page - List of Unclassifed Manufacturers SL1461MPAS Datasheet HTML 2Page - List of Unclassifed Manufacturers SL1461MPAS Datasheet HTML 3Page - List of Unclassifed Manufacturers SL1461MPAS Datasheet HTML 4Page - List of Unclassifed Manufacturers SL1461MPAS Datasheet HTML 5Page - List of Unclassifed Manufacturers SL1461MPAS Datasheet HTML 6Page - List of Unclassifed Manufacturers SL1461MPAS Datasheet HTML 7Page - List of Unclassifed Manufacturers SL1461MPAS Datasheet HTML 8Page - List of Unclassifed Manufacturers SL1461MPAS Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
SL1461
3
TEST CONFIGURATION
BASE BAND VIDEO 1V p–p
VIDEO GENERATOR
ROHDE & SCHWARZ SGPF
TV SAT TEST TX
ROHDE & SCHWARZ SFZ
RF CARRIER FREQ 479.5MHz
FM MODULATION 13.5MHz P–P
PRE–EMPHASISED VIDEO
MONTFORD
TEST OVEN
SL1461 TEST APPLICATION BOARD
See Fig. 3a for details
PRE EMPHASISED BASE BAND VIDEO
VIDEO AMPLIFIER/
DE EMPHASISED NETWORK
DE EMPHASISED BASE BAND VIDEO 1V p–p
VIDEO ANALYSER
ROHDE & SCHWARZ UAF
The video drive characteristics measurements were made using the above test configuration. The maximum figures recorded in
the Electrical Characteristics Table coincide with high temperatures and extremes of supply voltage. No adjustment to the recorded
figures has been made to compensate for the effects of temperature on the external components of the application test board, in
particular the varactor diodes. If operation of the device at high ambient temperatures is envisaged then attention to temperature
compensation of the external circuitry will result in performance figures closer to the stated typical figures.
Note 4.
ABSOLUTE MAXIMUM RATINGS
All voltages are referred to VEE at 0V.
Characteristic
Min
Max
Units
Conditions
Supply voltage
–0.3
7
V
RF input voltage
2.5
V p–p
RF input DC offset
–0.3
VCC+0.3
V
Oscillator +&–DC offset
–0.3
VCC+0.3
V
Video +&–DC offset
–0.3
VCC+0.3
V
Video feedback +&–DC offset
–0.3
VCC+0.3
V
Video output DC offset
–0.3
VCC+0.3
V
AFC pump DC offset
–0.3
VCC+0.3
V
AFC disable DC offset
–0.3
VCC+0.3
V
AFC deadband DC offset
–0.3
VCC+0.3
V
AGC bias DC offset
–0.3
VCC+0.3
V
AGC output DC offset
–0.3
VCC+0.3
V
Storage temperature
–55
125
°C
Junction temperature
150
°C
MP16 package thermal resistance,
chip to ambient
111
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com