Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL1461MPAS Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # SL1461MPAS
Description  WIDEBAND PLL FM DEMODULATOR
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SL1461MPAS Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  SL1461MPAS Datasheet HTML 1Page - List of Unclassifed Manufacturers SL1461MPAS Datasheet HTML 2Page - List of Unclassifed Manufacturers SL1461MPAS Datasheet HTML 3Page - List of Unclassifed Manufacturers SL1461MPAS Datasheet HTML 4Page - List of Unclassifed Manufacturers SL1461MPAS Datasheet HTML 5Page - List of Unclassifed Manufacturers SL1461MPAS Datasheet HTML 6Page - List of Unclassifed Manufacturers SL1461MPAS Datasheet HTML 7Page - List of Unclassifed Manufacturers SL1461MPAS Datasheet HTML 8Page - List of Unclassifed Manufacturers SL1461MPAS Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
SL1461
4
ABSOLUTE MAXIMUM RATINGS cont.
All voltages are referred to VEE at 0V.
MP16 package thermal resistance
chip to case
41
°C/W
Power consumption at 5.5V
250
mW
ESD protection – pins 1 to 15
2
kV
Mil–std –883 method 3015 class1
ESD protection – pin 16
1.7
kV
Mil–std –883 method 3015 class1
16
116
89
2
4
3
5
6
7
10
11
12
13
14
15
2K
AGC BIAS
AFC WINDOW ADJUST
50K
27K
100nF
47
mF
V
47nF
100nF
BB833
22pF
22pF
5K1
4n7
4K7
1nF
RF INPUT
1nF
47
mF
1K2
120pF
1K2
120pF
Fig.3. Standard application circuit with oscillator referenced to ground
4K7
BB833
CC
VIDEO OUTPUT
16
116
89
2
4
3
5
6
7
10
11
12
13
14
15
2K
AGC BIAS
AFC WINDOW ADJUST
50K
27K
100nF
47
mF
V
47nF
100nF
BB833
5K1
4n7
4K7
1nF
RF INPUT
1nF
47
mF
1K2
1K2
82pF
4K7
BB833
CC
VIDEO OUTPUT
220R
Fig.3a Application circuit used for video drive characterisation measurements
82pF
620R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com