Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL1461MPAS Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SL1461MPAS
Description  WIDEBAND PLL FM DEMODULATOR
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SL1461MPAS Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SL1461MPAS Datasheet HTML 1Page - List of Unclassifed Manufacturers SL1461MPAS Datasheet HTML 2Page - List of Unclassifed Manufacturers SL1461MPAS Datasheet HTML 3Page - List of Unclassifed Manufacturers SL1461MPAS Datasheet HTML 4Page - List of Unclassifed Manufacturers SL1461MPAS Datasheet HTML 5Page - List of Unclassifed Manufacturers SL1461MPAS Datasheet HTML 6Page - List of Unclassifed Manufacturers SL1461MPAS Datasheet HTML 7Page - List of Unclassifed Manufacturers SL1461MPAS Datasheet HTML 8Page - List of Unclassifed Manufacturers SL1461MPAS Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
PRELIMINARY INFORMATION
SEPTEMBER 1993
D.S. 3754 1.6
SL1461
WIDEBAND PLL FM DEMODULATOR
The SL1461 is a wideband PLL FM demodulator, intended
primarily for application in satellite tuners.
The device contains all elements necessary, with the
exception of external oscillator sustaining network and loop
feedback components, to form a complete PLL system
operating at frequencies up to 800MHz.
An AFC with window adjust is provided, whose output
signal can be used to correct for any frequency drift at the head
end local oscillator.
FEATURES
J Single chip PLL system for wideband FM
demodulation
J Simple low component count application
J Allows for application of threshold extension
J Fully balanced low radiation design
J High operating input sensitivity
J AGC detect and bias adjust
J 75W video output drive with low distortion
levels
J Dynamic self biasing analog AFC
J Full ESD protection *
* Normal ESD handling procedures should be observed
16
116
89
2
4
3
5
6
7
10
11
12
13
14
15
AFC PUMP
AFC WINDOW ADJUST
VEE
OSCILLATOR +
OSCILLATOR –
AGC BIAS
AGC OUTPUT
RF INPUT
AFC OUTPUT
VCC
VIDEO FEEDBACK +
VIDEO –
VIDEO +
VIDEO FEEDBACK –
VIDEO OUTPUT
RF INPUT
MP16
Fig. 1 Pin connections top view
APPLICATIONS
J Satellite receiver systems
J Data communications systems
ORDERING INFORMATION
SL1461S/KG/MPAS
AGC BIAS
RF INPUTS
AGC OUTPUT
LOCAL
OSCILLATOR
AFC WINDOW
ADJUST
VIDEO
FEEDBACK +
VIDEO +
VIDEO –
FEEDBACK –
VIDEO
OUTPUT
AFC PUMP
AFC OUTPUT
Fig. 2 SL1461 block diagram
VIDEO
16
6
8
9
7
4
5
2
14
12
13
11
10
1


Similar Part No. - SL1461MPAS

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
SL1461MPAS MITEL-SL1461MPAS Datasheet
285Kb / 12P
Wideband PLL FM Demodulator
logo
Zarlink Semiconductor I...
SL1461MPAS ZARLINK-SL1461MPAS Datasheet
538Kb / 13P
Wideband PLL FM Demodulator
More results

Similar Description - SL1461MPAS

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA3361 SANYO-LA3361 Datasheet
212Kb / 8P
PLL FM Multiplex Stereo Demodulator
logo
Mitel Networks Corporat...
SL1461SA MITEL-SL1461SA Datasheet
285Kb / 12P
Wideband PLL FM Demodulator
logo
Zarlink Semiconductor I...
SL1466 ZARLINK-SL1466 Datasheet
341Kb / 18P
Wideband PLL FM Demodulator
logo
Hitachi Semiconductor
HA1196 HITACHI-HA1196 Datasheet
64Kb / 2P
PLL FM Stereo Demodulator
logo
Zarlink Semiconductor I...
SL1461SA ZARLINK-SL1461SA Datasheet
538Kb / 13P
Wideband PLL FM Demodulator
logo
Unisonic Technologies
L2572 UTC-L2572 Datasheet
250Kb / 14P
WIDEBAND PLL FM DEMODULATOR
logo
Mitel Networks Corporat...
SL1466 MITEL-SL1466 Datasheet
175Kb / 16P
Wideband PLL FM Demodulator Preliminary Information
logo
Silan Microelectronics ...
SA3370 SILAN-SA3370 Datasheet
133Kb / 4P
PLL FM MULTIPLEXER STEREO DEMODULATOR
SA3375 SILAN-SA3375 Datasheet
131Kb / 5P
PLL FM MULTIPLEXER STEREO DEMODULATOR
logo
List of Unclassifed Man...
PS20100 ETC2-PS20100 Datasheet
800Kb / 11P
Wideband PLL FM Demodulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com