Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7162D Datasheet(PDF) 6 Page - STMicroelectronics

Part # ST7162D
Description  UNIVERSAL PROGRAMMABLE DUAL PLL
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7162D Datasheet(HTML) 6 Page - STMicroelectronics

Back Button ST7162D Datasheet HTML 2Page - STMicroelectronics ST7162D Datasheet HTML 3Page - STMicroelectronics ST7162D Datasheet HTML 4Page - STMicroelectronics ST7162D Datasheet HTML 5Page - STMicroelectronics ST7162D Datasheet HTML 6Page - STMicroelectronics ST7162D Datasheet HTML 7Page - STMicroelectronics ST7162D Datasheet HTML 8Page - STMicroelectronics ST7162D Datasheet HTML 9Page - STMicroelectronics ST7162D Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
Description of Control Register
Bit
Name
Function
D12
TEST 1
Test Mode: See Table 1.
D11
TEST 2
D10
TEST 3
D9
AUXILIARY
DATA SELECT
Set to 0 to select 3 wires serial data bus mode at the next pattern
Set to 1 to select 4 wires serial data bus mode at the next pattern
D8
REFOUT/3
Set to 0, MCUCLOCK frequency = OSC.OUT frequency / 4
Set to 1, MCUCLOCK frequency = OSC.OUT frequency / 3
D7
TXCE
TX Counter Enable bit: if set to 0, TX amplifier, counter and PFD will be in power
down mode and OUTTX pin will be set to 1.
D6
RXCE
RX Counter Enable bit: if set to 0, RX amplifier, counter and PFD will be in power
down mode and OUTRX pin will be set to 1.
D5
RCE
Reference Counter Enable bit: if set to 0, ref counter will be in power down mode.
D4
ARCE
Auxiliary Reference Counter Enable bit: if set to 0, AUX Ref counter will be in
power down mode
D3
MUX SELECT 1
Used to connect internally PFD inputs REFTX and REFRX to the chosen Ref
frequency output: see Table 2.
D2
MUX SELECT 2
D1
MUX SELECT 3
D0
MUX SELECT 4
Table 1.
TEST1
TEST2
TEST3
Status of output pin
OUTTX
Status of output pin
OUTRX
Status of TX and RX PFD
0
0
0
CONTROL BIT TXCE
CONTROL BIT RXCE
NORMAL OPERATION
0
0
1
INTERNAL POINT
REFTX
INTERNAL POINT
REFRX
TEST MODE NORMAL IUP
0
1
0
INTERNAL POINT
FINTX/N2
INTERNAL POINT
FINRX/N1
TEST MODE NORMAL IDOWN
0
1
1
INTERNAL POINT
FINTX/N2
INTERNAL POINT
FINRX/N1
TEST MODE I LEAKAGE
1
0
0
CONTROL BIT TXCE
CONTROL BIT RXCE
OPERATION WITH INCREASED
IUP AND IDOWN
1
0
1
INTERNAL POINT
REFTX
INTERNAL POINT
REFRX
TEST MODE INCREASED IUP
1
1
0
INTERNAL POINT
FINTX/N2
INTERNAL POINT
FINRX/N1
TEST MODE INCREASED IDOWN
1
1
1
INTERNAL POINT
FINTX/N2
INTERNAL POINT
FINRX/N1
TEST MODE I LEAKAGE
ST7162
6/17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com