Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7162D Datasheet(PDF) 1 Page - STMicroelectronics

Part # ST7162D
Description  UNIVERSAL PROGRAMMABLE DUAL PLL
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7162D Datasheet(HTML) 1 Page - STMicroelectronics

  ST7162D Datasheet HTML 1Page - STMicroelectronics ST7162D Datasheet HTML 2Page - STMicroelectronics ST7162D Datasheet HTML 3Page - STMicroelectronics ST7162D Datasheet HTML 4Page - STMicroelectronics ST7162D Datasheet HTML 5Page - STMicroelectronics ST7162D Datasheet HTML 6Page - STMicroelectronics ST7162D Datasheet HTML 7Page - STMicroelectronics ST7162D Datasheet HTML 8Page - STMicroelectronics ST7162D Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
ST7162
UNIVERSAL PROGRAMMABLE DUAL PLL
PRODUCT PREVIEW
TWO INDEPENDENT PLL WITH 16 BITS
PROGRAMMABLE DIVIDERS FROM 13 TO
65535
FOR
TRANSMIT
AND
RECEIVE
LOOPS
ON CHIP REFERENCE OSCILLATOR COM-
MON FOR THE TWO LOOPS UP TO 16MHz
WITH EXTERNAL CRYSTAL
TWO
INDEPENDENT
PROGRAMMABLE
REFERENCE COUNTERS:
- 12 bits programmable counter from 13 to
4095 followed by selectable dividers by 1,
4and 25
- 14 bits auxiliary programmable counter from
13 to 16383
A MCU CLOCK DERIVED FROM REFER-
ENCE OSCILLATOR WITH A SELECTABLE
DIVISION FACTOR OF 3 OR 4
TWO INDEPENDENT PFD (PHASE FRE-
QUENCY DISCRIMINATOR) WITH 3 STATE
OUTPUTS
LOCK DETECT SIGNAL OUTPUT FOR THE
TRANSMIT LOOP
3 & 4 WIRES SELECTABLE MCU SERIAL IN-
TERFACE,
FOR
SIMULTANEOUS
PRO-
GRAMMING OF 2 COUNTERS
STAND-BY MODE
MAIN CHARACTERISTICS
High input sensitivity:
200mVpkpk @ 60MHz
Low consumption:
3.5mA @ 3V for the two loops
Power supply voltage:
3V to 5V
Operating temperature range:
–25
°Cto+70°C
DESCRIPTION
The ST7162 is a dual frequency synthesizer in
High Speed CMOS technology for radio applica-
tions with a frequency up to 60MHz. The low
power consumption and high flexibility make it
well suitable for cordless CT0 applications in vari-
ous countries.
This is advanced information on a new product now in development or undergoing evaluation. Details are subject to change without notice.
July 1993
PIN CONNECTION (Top view)
DIP16
ORDERING NUMBER: ST7162N
SO16
ORDERING NUMBER: ST7162D
1/17


Similar Part No. - ST7162D

ManufacturerPart #DatasheetDescription
logo
Marathon Special Produc...
ST71031 MARATHON-ST71031 Datasheet
58Kb / 2P
Studded Connection Block 300 Volts AC/DC
09/30/10
logo
E-SWITCH
ST711000 E-SWITCH-ST711000 Datasheet
176Kb / 1P
ALL DIMENSIONS IN MM [INCH]
ST711001 E-SWITCH-ST711001 Datasheet
173Kb / 1P
ALL DIMENSIONS IN MM [INCH]
ST711004 E-SWITCH-ST711004 Datasheet
173Kb / 1P
ALL DIMENSIONS IN MM [INCH]
ST711006 E-SWITCH-ST711006 Datasheet
177Kb / 1P
ALL DIMENSIONS IN MM [INCH]
More results

Similar Description - ST7162D

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC7152 SANYO-LC7152 Datasheet
272Kb / 12P
Universal Dual-PLL Frequency Synthesizers
LC7153 SANYO-LC7153 Datasheet
276Kb / 11P
Universal Dual-PLL Frequency Synthesizers?
logo
Daewoo Semiconductor
DMD5802 DAEWOO-DMD5802 Datasheet
960Kb / 20P
UNIVERSAL PROGRAMMABLE DUAL PLL
logo
Hynix Semiconductor
GM6535 HYNIX-GM6535 Datasheet
225Kb / 23P
60 MHz Universal Programmable Dual PLL Frequency synthesizer
logo
Motorola, Inc
MC145162 MOTOROLA-MC145162 Datasheet
153Kb / 24P
60MHZ AND 85 MHZ UNIVERSAL PROGRAMMABLE DUAL PLL FREQUENCY SYNTHESIZERS
logo
LANSDALE Semiconductor ...
ML145162 LANSDALE-ML145162 Datasheet
1Mb / 24P
60 MHz and 85 MHz Universal Programmable Dual PLL Frequency Synthesizers CMOS
logo
Cypress Semiconductor
CY22801 CYPRESS-CY22801_11 Datasheet
602Kb / 23P
Universal Programmable Clock Generator (UPCG) Integrated phase-locked loop (PLL)
logo
Texas Instruments
PCM1727E2K TI-PCM1727E2K Datasheet
304Kb / 19P
DIGITAL-TO-ANALOG CONVERTER With Programmable Dual PLL
logo
Motorola, Inc
MC145165 MOTOROLA-MC145165 Datasheet
49Kb / 2P
LOW-VOLTAGE 60MHZ UNIVERSAL PROGRAMMABLE DUAL PLL FREQUENCY SYNTHESIZER CMOS
logo
LANSDALE Semiconductor ...
ML145162 LANSDALE-ML145162_08 Datasheet
436Kb / 24P
60 MHz and 85 MHz Universal Programmable Dual PLL Frequency Synthesizers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com