Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7162D Datasheet(PDF) 4 Page - STMicroelectronics

Part # ST7162D
Description  UNIVERSAL PROGRAMMABLE DUAL PLL
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7162D Datasheet(HTML) 4 Page - STMicroelectronics

  ST7162D Datasheet HTML 1Page - STMicroelectronics ST7162D Datasheet HTML 2Page - STMicroelectronics ST7162D Datasheet HTML 3Page - STMicroelectronics ST7162D Datasheet HTML 4Page - STMicroelectronics ST7162D Datasheet HTML 5Page - STMicroelectronics ST7162D Datasheet HTML 6Page - STMicroelectronics ST7162D Datasheet HTML 7Page - STMicroelectronics ST7162D Datasheet HTML 8Page - STMicroelectronics ST7162D Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
ELECTRICAL CHARACTERISTICS (Tamb = 25
°C, voltage reference = VSS)
Symbol
Parameter
Test Condition
VDD
Min.
Typ.
Max.
Unit
PHASE FREQUENCY DISCRIMINATOR
COUT
Output Capacitance
8
pF
IOUT HI
Output Current
Source
VOUT = 2.7V
VOUT = 4.5V
3V
5V
– 200
– 500
µA
µA
IOUT LO
Output Current
Sink
VOUT = 0.3V
VOUT = 0.5V
3V
5V
200
500
µA
µA
ILEAK
Leakage Current
Three state output
VPDTX,VPDRX = 0 or 5V
5V
– 50
50
nA
MCU INTERFACE INPUTS
CIN
Input Capacitance
8pF
IIN
Input Current
DC measured VIN =VDD or VSS
3-5V
– 10
10
µA
VIH
Input Voltage
High level ”1”
3V
5V
2.3
3.8
V
V
VIL
Input Voltage
Low level ”0”
3V
5V
0.7
1.2
V
V
Fmax
Input Frequency
Maximum frequency at clock
input
3-5V
500
KHz
TW
Pulse width
Clock and Enable inputs
3V
5V
80
60
ns
ns
TSU
Set-up Time
Data to clock
Enable to clock
3-5V
3-5V
100
200
ns
ns
THOLD
Hold Time
Clock to data
3V
5V
80
40
ns
ns
TREC
Recovery Time
Enable to Clock
3V
5V
80
40
ns
ns
DIGITAL OUTPUTS: OUTTX, OUTRX, MCUCLOCK,LD
CLOAD
Output Load
Capacitance
25
pF
VOUT IH
Output Voltage
IOUT = 0, High level ”1”
3V
5V
2.95
4.95
V
V
VOUT LO
Output Voltage
IOUT = 0, Low level ”0”
3V
5V
0.05
0.05
V
V
IOUTHI
Output Current
Source
VOUT = 2.7V
VOUT = 4.5V
3V
5V
– 200
– 500
µA
µA
IOUTLO
Output Current
Sink
VOUT = 0.3V
VOUT = 0.5V
3V
5V
200
500
µA
µA
THI
Output rise Time
CLOAD = 25pF
3V
5V
200
100
ns
ns
TLO
Output Fall Time
CLOAD = 25pF
3V
5V
200
100
ns
ns
ST7162
4/17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com