Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTH212U Datasheet(PDF) 7 Page - STMicroelectronics

Part # STTH212U
Description  High voltage ultrafast diode
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH212U Datasheet(HTML) 7 Page - STMicroelectronics

  STTH212U Datasheet HTML 1Page - STMicroelectronics STTH212U Datasheet HTML 2Page - STMicroelectronics STTH212U Datasheet HTML 3Page - STMicroelectronics STTH212U Datasheet HTML 4Page - STMicroelectronics STTH212U Datasheet HTML 5Page - STMicroelectronics STTH212U Datasheet HTML 6Page - STMicroelectronics STTH212U Datasheet HTML 7Page - STMicroelectronics STTH212U Datasheet HTML 8Page - STMicroelectronics STTH212U Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
STTH212
2 Package mechanical data
7/9
Note: 1 The lead diameter D is not controlled over zone E.
2 The minimum length which must stay straight between the right angles after bending is 15 mm
(0.59 inch).
Table 6.
SMC dimensions
REF.
DIMENSIONS
Millimeters
Inches
Min.
Max.
Min.
Max.
A1
1.90
2.45
0.075
0.096
A2
0.05
0.20
0.002
0.008
b
2.90
3.2
0.114
0.126
c
0.15
0.41
0.006
0.016
E
7.75
8.15
0.305
0.321
E1
6.60
7.15
0.260
0.281
E2
4.40
4.70
0.173
0.185
D
5.55
6.25
0.218
0.246
L
0.75
1.60
0.030
0.063
Figure 19. SMC references to dimensions
table
Figure 20. SMC footprint dimensions
(in millimetres)
Table 7.
DO-201AD dimensions
REF.
DIMENSIONS
Millimeters
Inches
Min.
Max.
Min.
Max.
A
-
9.5
-
0.37
B
25.4
-
1.00
-
C
-
5.3
-
0.21
D
-
1.3
-
0.051
E
-
1.25
-
0.048
E
C
L
E2
E1
D
A1
A2
b
4.25
8.65
2.20
3.30
2.20
ØC
ØD
A
EE
Note 2
Note 1
Note 1
BB



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com