Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTH212U Datasheet(PDF) 5 Page - STMicroelectronics

Part # STTH212U
Description  High voltage ultrafast diode
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH212U Datasheet(HTML) 5 Page - STMicroelectronics

  STTH212U Datasheet HTML 1Page - STMicroelectronics STTH212U Datasheet HTML 2Page - STMicroelectronics STTH212U Datasheet HTML 3Page - STMicroelectronics STTH212U Datasheet HTML 4Page - STMicroelectronics STTH212U Datasheet HTML 5Page - STMicroelectronics STTH212U Datasheet HTML 6Page - STMicroelectronics STTH212U Datasheet HTML 7Page - STMicroelectronics STTH212U Datasheet HTML 8Page - STMicroelectronics STTH212U Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
STTH212
1 Electrical characteristics
5/9
Figure 11. Transient peak forward voltage
versus dIF/dt (typical values)
Figure 12. Forward recovery time versus dIF/dt
(typical values)
Figure 13. Junction capacitance versus
reverse voltage applied (typical
values)
Figure 14. Thermal resistance versus lead
length
Figure 15. Thermal resistance junction to
ambient versus copper surface
under each lead (Epoxy printed
circuit board FR4, eCU = 35µm)
Figure 16. Thermal resistance junction to
ambient versus copper surface
under each lead (Epoxy printed
circuit board FR4, ecu = 35 µm)
0
2
4
6
8
10
12
14
16
18
20
22
24
26
28
30
0
1020
30
4050
60
70
8090
100
V (V)
FP
I
F=I
F(AV)
T
j=125°C
dl /dt(A/µs)
F
200
220
240
260
280
300
320
340
360
380
400
420
0
20
40
60
80
100
t
(ns)
FR
I
F=I
F(AV)
V
FR =1.
1 x V
F max.
T
j=125°C
dl /dt(A/µs)
F
1
10
100
1
10
100
1000
C(pF)
V (V)
R
F=1MHz
Vosc=30mVRMS
Tj=25°C
0
10
20
30
40
50
60
70
80
90
100
5
1015
2025
R
(°C/W)
th(j-a)
L
(mm)
Leads
DO201-AD
Rth(j-a)
Rth(j-l)
0
10
20
30
40
50
60
70
80
01
2345
678
9
10
R
(°C/W)
th(j-a)
S
(cm )
Cu
2
DO-201AD
0
10
20
30
40
50
60
70
80
90
100
110
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
R
(°C/W)
th(j-a)
S
(cm )
Cu
2
SMB
SMC



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com