Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTH212U Datasheet(PDF) 4 Page - STMicroelectronics

Part # STTH212U
Description  High voltage ultrafast diode
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH212U Datasheet(HTML) 4 Page - STMicroelectronics

  STTH212U Datasheet HTML 1Page - STMicroelectronics STTH212U Datasheet HTML 2Page - STMicroelectronics STTH212U Datasheet HTML 3Page - STMicroelectronics STTH212U Datasheet HTML 4Page - STMicroelectronics STTH212U Datasheet HTML 5Page - STMicroelectronics STTH212U Datasheet HTML 6Page - STMicroelectronics STTH212U Datasheet HTML 7Page - STMicroelectronics STTH212U Datasheet HTML 8Page - STMicroelectronics STTH212U Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
1 Electrical characteristics
STTH212
4/9
Figure 5.
Relative variation of thermal
impedance junction to ambient
versus pulse duration (Epoxy
printed circuit board FR4,
SCU =1cm
2)
Figure 6.
Reverse recovery current versus
dIF/dt (typical values)
Figure 7.
Reverse recovery time versus dIF/dt
(typical values)
Figure 8.
Reverse recovery charges versus
dIF/dt (typical values)
Figure 9.
Softness factor versus dIF/dt
(typical values)
Figure 10. Relative variations of dynamic
parameters versus junction
temperature
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.E-01
1.E+00
1.E+01
1.E+02
1.E+03
SMC
SCu=1cm²
Zth(j-a)/Rth(j-a)
tp(s)
0
1
2
3
4
5
6
7
8
9
10
11
0
20
40
60
80
100
120
140
160
180
200
V
R =600V
T
j=125°C
I
F=2 x I
F(AV)
I
F=2 x I
F(AV)
I
F=0.
5 xI
F(AV )
I
F=0.
5 xI
F(AV )
I
F=I
F(AV)
I
F=I
F(AV)
I
(A)
RM
dl /dt(A/µs)
F
0
100
200
300
400
500
600
700
800
900
0
50
100
150
200
250
300
350
400
450
500
VR=600V
Tj=125°C
IF=0.5 x IF(AV)
IF=2 x IF(AV)
IF=IF(AV)
IF=IF(AV)
trr(ns)
dl /dt(A/µs)
F
0
200
400
600
800
1000
1200
1400
0
50
100
150
200
250
300
350
400
450
500
Qrr(nC)
V
R =600V
T
j=125°C
I
F=I
F(AV)
I
F=0.
5 x I
F(AV)
I
F=2 x I
F(AV)
dl /dt(A/µs)
F
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
0
25
50
75
100
125
150
175
200
225
250
SFACTOR
I
F=I
F(AV)
V
R =600V
T
j=125°C
dl /dt(A/µs)
F
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
25
50
75
100
125
Tj(°C)
I
RM
Q
RR
S
FAC TO R
I
F=I
F(AV)
V
R =600V
Reference:T
j=125°C



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com