Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STIL08T5 Datasheet(PDF) 6 Page - STMicroelectronics

Part # STIL08T5
Description  AC INRUSH CURRENT LIMITER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STIL08T5 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STIL08T5 Datasheet HTML 2Page - STMicroelectronics STIL08T5 Datasheet HTML 3Page - STMicroelectronics STIL08T5 Datasheet HTML 4Page - STMicroelectronics STIL08T5 Datasheet HTML 5Page - STMicroelectronics STIL08T5 Datasheet HTML 6Page - STMicroelectronics STIL08T5 Datasheet HTML 7Page - STMicroelectronics STIL08T5 Datasheet HTML 8Page - STMicroelectronics STIL08T5 Datasheet HTML 9Page - STMicroelectronics STIL08T5 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
STIL
6/11
Figure 8: Basic connection with a PFC boost preregulator
Figure 9: Non repetitive surge peak on-state
current (sinusoidal pulse) and corresponding
value of I2t (Tj initial = 25°C)
Figure 10: Non repetitive surge peak on-state
current (sinusoidal pulse) and corresponding
value of I2t (Tj initial = 150°C)
Figure 11: Relative variation of driver trigger
current versus junction temperature (typical
values)
Figure 12: Relative variation of direct pilot
trigger voltage versus junction temperature
(typical values)
+
OUT
Pt1
Pt2
Cb
Vout
C2
-
+
R
C1
PFC Control
Auxiliary windows
(see application
note
)
AN1692
R1
AC in
Inrush resistor
R2
C0
I
(A), I²t(A²s)
TSM
1
10
100
1000
0.01
0.10
1.00
10.00
T
j initial=25°C
I
TSM
I²t
STIL04/STIL06
STIL08
STIL08
STIL04/STIL06
t (ms)
p
I
(A), I²t(A²s)
TSM
1
10
100
1000
0.01
0.10
1.00
10.00
T
j initial=150°C
I
TSM
I²t
STIL04/STIL06
STIL08
STIL08
STIL04/STIL06
t(ms)
p
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
0
25
50
75
100
125
150
T (°C)
j
I
or I
[T ] / I
or I
[T = 25°C]
Pt1
Pt2
j
Pt1
Pt2
j
V
or V
[T ] /
= 25°C]
DPt1
DPt2
j
Vor V
[T
DPt1
DPt2
j
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
0
25
50
75
100
125
150
T (°C)
j



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com