Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STIL08T5 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STIL08T5
Description  AC INRUSH CURRENT LIMITER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STIL08T5 Datasheet(HTML) 5 Page - STMicroelectronics

  STIL08T5 Datasheet HTML 1Page - STMicroelectronics STIL08T5 Datasheet HTML 2Page - STMicroelectronics STIL08T5 Datasheet HTML 3Page - STMicroelectronics STIL08T5 Datasheet HTML 4Page - STMicroelectronics STIL08T5 Datasheet HTML 5Page - STMicroelectronics STIL08T5 Datasheet HTML 6Page - STMicroelectronics STIL08T5 Datasheet HTML 7Page - STMicroelectronics STIL08T5 Datasheet HTML 8Page - STMicroelectronics STIL08T5 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
STIL
5/11
POWER LOSSES CALCULATION
When the input current is sinusoidal (case of PFC), the conducted power losses can be calculated by us-
ing the following formula:
If the output average current is 8Amps, Vt0 and Rd of the electrical characteristics table can be used. For
different output current please refer to the application note AN1600 that provides guidelines to estimate
the correct values of Vt0 and Rd.
LIGHTNING SURGE IMMUNITY (IEC61000-4-5)
During lightning surge transient voltage across the AC line, over current and over voltage stress are ap-
plied on all the components of the power supply. The STIL can sustain a maximum peak surge current up
to IPEAK (IPEAK = 500A for STIL04/STIL06 and IPEAK = 1000A for STIL08) as defined by the combine wave-
form generator (8/20µs waveform as shown in figures 5, 6 and 7).
Special recommendations for the lightning surge immunity:
1 - Check that the IPEAK in the STIL stays below the limit specified above.
2 - Check that no over voltages are applied on the STIL and the bridge diode.
3 - In order to reduce the dynamic current stress (dIout/dt) through the structure of the STIL, it is recom-
mended to connect a differential mode choke coil in front of the STIL and the bridge diode.
More details and design guidelines are provided in the application note “AN1600 - STIL: Inrush Current
Limitation Device for Off-Line Power Converter”.
Figure 5: Surge test condition
Ptot Vt0 Iout AV
()
Rd
I
( out AV
()
π)
2
×
8
-------------------------------------
⋅
+
⋅
=
IEC61000-4-5
STIL
Pt 1
Pt 2
IOUT
VOUT
Coupling
network
+
surge
generator
(level 1, 2, 3 or 4)
5Vdc
0
OUT
N
L
Figure 6: Surge test characterisation for STIL04/06
Figure 7: Surge test characterisation for STIL08
1
1
5 µs
80A/Div
IOUT
Ipeak=500A
0 Amps
8 µs
20 µs
IEC61000-4-5
Ipeak
1
1
5 µs
160A/Div
IOUT
Ipeak=1000A
0 Amps
IEC61000-4-5
Ipeak
8 µs
20 µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com