Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STIL08T5 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STIL08T5
Description  AC INRUSH CURRENT LIMITER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STIL08T5 Datasheet(HTML) 3 Page - STMicroelectronics

  STIL08T5 Datasheet HTML 1Page - STMicroelectronics STIL08T5 Datasheet HTML 2Page - STMicroelectronics STIL08T5 Datasheet HTML 3Page - STMicroelectronics STIL08T5 Datasheet HTML 4Page - STMicroelectronics STIL08T5 Datasheet HTML 5Page - STMicroelectronics STIL08T5 Datasheet HTML 6Page - STMicroelectronics STIL08T5 Datasheet HTML 7Page - STMicroelectronics STIL08T5 Datasheet HTML 8Page - STMicroelectronics STIL08T5 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
STIL
3/11
Table 3: Absolute Maximum Ratings (limiting value)
Table 4: Thermal Parameters
Symbol
Parameter
Value
Unit
STIL04 STIL06 STIL08
VDOUT
Repetitive forward off-state voltage,
between terminals L or N and OUT ter-
minal
Tj = 0 to 150°C
700
V
VROUT
Repetitive reverse off-state voltage,
between OUT terminals and terminals L
or N
Tj = 0 to 150°C
700
800
800
V
Iout(AV)
Average on state current at the OUT ter-
minal (180° conduction angle for the
internal power switches)
Tj = 150°C
468
A
Iout(RMS)
RMS on state current at the OUT termi-
nal (180° conduction angle for the inter-
nal power switches)
Tj = 150°C
4.4
6.7
8.9
A
ITSM
Non repetitive surge peak on-state cur-
rent for each AC input terminals L and N
(Tj initial = 25°C)
tp = 10ms
sinusoidal
65
70
100
A
I2tI2t value - rating for fusing
tp = 10ms
21
24
50
A2s
dIout/dt
Critical rate of rise of on state current
IPt1 + IPt2 = 20mA
Tj = 0 to 150°C
100
A/µs
Tstg
Storage temperature range
-40 to +150
°C
Tj
Junction temperature range
0 to +150
°C
Symbol
Parameter
Value
Unit
Rth(j-c)
Junction to case
2
°C/W
Rth(j-a)
Junction to ambient
60



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com