Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2192 Datasheet(PDF) 16 Page - Monolithic Power Systems

Part # MP2192
Description  2A, 2.5V to 5.5V, Synchronous Step-Down Converter with 25μA IQ in CSP Package
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2192 Datasheet(HTML) 16 Page - Monolithic Power Systems

Back Button MP2192 Datasheet HTML 12Page - Monolithic Power Systems MP2192 Datasheet HTML 13Page - Monolithic Power Systems MP2192 Datasheet HTML 14Page - Monolithic Power Systems MP2192 Datasheet HTML 15Page - Monolithic Power Systems MP2192 Datasheet HTML 16Page - Monolithic Power Systems MP2192 Datasheet HTML 17Page - Monolithic Power Systems MP2192 Datasheet HTML 18Page - Monolithic Power Systems MP2192 Datasheet HTML 19Page - Monolithic Power Systems MP2192 Datasheet HTML 20Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
MP2192
– 2A, SYNCHRONOUS STEP-DOWN CONVERTER WITH 25µA IQ
MP2192 Rev. 1.0
MonolithicPower.com
16
5/12/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2021 MPS. All Rights Reserved.
APPLICATION INFORMATION
Setting the Output Voltage
The external resistor divider sets the output
voltage (see the Typical Application Circuit on
page 18). Select a feedback resistor (R1) that
reduces the output voltage leakage current. It is
recommended for R1 to be between 100k
Ω and
200kΩ. There is no strict requirement for the
feedback resistor. Select R1 to exceed
10kΩ.
R2 can then be calculated with Equation (2):
OUT
R1
R2
V
1
0.6
(2)
Figure 9 shows the feedback circuit.
R1
R2
VOUT
FB
MP2192
Figure 9: Feedback Network
Table 1 lists recommended resistor values for
common output voltages.
Table1: Resistor Selection for Common Output
Voltages
VOUT (V)
R1 (kΩ)
R2 (kΩ)
1.0
200 (1%)
300 (1%)
1.2
200 (1%)
200 (1%)
1.8
200 (1%)
100 (1%)
2.5
200 (1%)
63.2 (1%)
3.3
200 (1%)
44.2 (1%)
Selecting the Inductor
Most applications work best with a 1µH to
2.2µH inductor. Select an inductor with a DC
resistance below 50
mΩ to optimize efficiency.
A high-frequency switch-mode power supply
with a magnetic device has strong electronic
magnetic inference. Do not use unshielded
power
inductors.
Metal
alloy
inductors
or
multiplayer chip power inductors are ideal
shielded inductors because they can effectively
reduce electromagnetic interference.
For most designs, estimate the inductance
value with Equation (3):
OUT
IN
OUT
1
IN
L
OSC
V
(V
V
)
L
V
I
f

  
(3)
Where
∆IL is the inductor ripple current.
Choose
the
inductor
current
to
be
approximately 30%
of the maximum load
current. The maximum inductor peak current
can be calculated with Equation (4):
L
L(MAX )
LOAD
I
II
2

(4)
MPS inductors are optimized and tested for use
with our complete line of integrated circuits.
Table
2
lists
our
power
inductor
recommendations.
Table 2: Power Inductor Selection
Part Number
Inductance
Value
Manufacturer
MPL-AL4020-1R0
1
μH
MPS
MPL-AL4020-1R2
1.2
μH
MPS
MPL-AL4020-1R5
1.5
μH
MPS
MPL-AL4020-2R2
2.2
μH
MPS
Visit MonolithicPower.com under Products >
Inductors for more information.
Selecting the Input Capacitor
The step-down converter has a discontinuous
input current, and requires a capacitor to supply
AC current to the converter while maintaining
the DC input voltage. Use low-ESR capacitors
for the best performance. Ceramic capacitors
with
X5R
or
X7R
dielectrics
are
highly
recommended due to their low ESR and small
temperature coefficients. For most applications,
a 22µF capacitor is sufficient. Higher output
voltages may require a 44
μF capacitor to
increase system stability.
The input capacitor requires an adequate ripple
current
rating
since
it
absorbs
the
input
switching current. Estimate the RMS current in
the input capacitor with Equation (5):
OUT
OUT
C1
LOAD
IN
IN
VV
I
I
1
VV





(5)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com