Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2192 Datasheet(PDF) 13 Page - Monolithic Power Systems

Part # MP2192
Description  2A, 2.5V to 5.5V, Synchronous Step-Down Converter with 25μA IQ in CSP Package
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2192 Datasheet(HTML) 13 Page - Monolithic Power Systems

Back Button MP2192 Datasheet HTML 9Page - Monolithic Power Systems MP2192 Datasheet HTML 10Page - Monolithic Power Systems MP2192 Datasheet HTML 11Page - Monolithic Power Systems MP2192 Datasheet HTML 12Page - Monolithic Power Systems MP2192 Datasheet HTML 13Page - Monolithic Power Systems MP2192 Datasheet HTML 14Page - Monolithic Power Systems MP2192 Datasheet HTML 15Page - Monolithic Power Systems MP2192 Datasheet HTML 16Page - Monolithic Power Systems MP2192 Datasheet HTML 17Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
MP2192
– 2A, SYNCHRONOUS STEP-DOWN CONVERTER WITH 25µA IQ
MP2192 Rev. 1.0
MonolithicPower.com
13
5/12/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2021 MPS. All Rights Reserved.
OPERATION
The MP2192 uses constant-on-time control
(COT)
with
input
voltage
feed-forward
to
stabilize the switching frequency across the
entire
input
voltage
range.
The
MP2192
achieves 2A of continuous output current from a
2.5V to 5.5V input voltage, with excellent load
and line regulation. The output voltage can be
regulated to as low as 0.6V.
Constant-On-Time (COT) Control
When compared to the fixed-frequency pulse-
width modulation (PWM) control, constant-on-
time (COT) control offers a simpler control loop
and a faster transient response. By using input
voltage feed-forward, the MP2192 maintains a
fairly constant switching frequency across the
input and output voltage ranges. The switching
pulse on time (tON) can be estimated with
Equation (1):
OUT
ON
IN
V
t
0.91 s
V
(1)
To prevent inductor current runaway during the
load
transient,
the
MP2192
has
a
fixed
minimum off time of 100ns.
Sleep Mode Operation
The MP2192 features sleep mode to achieve
high efficiency at extremely light loads. In sleep
mode, most of the circuit blocks are turned off
except for the error amplifier (EA) and PWM
comparator. This reduces the operation current
to a minimal value (see Figure 2).
Bias
and
Voltage
Reference
0.6V
FB
+
+
-
FBCOMP
Soft Start
E.A.
+
-
+
Ramp
Generator
SW
Low IQ
Low IQ
Figure 2: Operation Blocks in Sleep Mode
When the load becomes lighter, the output
voltage ripple becomes larger, which then
drives the error amplifier output (EAO) lower.
When the EAO reaches the internal low
threshold, it is clamped at that level, and the
MP2192 enters sleep mode.
During sleep mode, the valley of the FB voltage
(VFB) is regulated to the internal reference
voltage. Therefore, the average output voltage
in sleep mode exceeds the output voltage in
discontinuous
conduction
mode
(DCM)
or
continuous conduction mode (CCM). The on-
time pulse in sleep mode is longer than the on-
time pulse in DCM or CCM. Figure 3 shows the
relationship between the average VFB and the
internal reference voltage (VREF) in sleep mode.
VFB
VREF
Average VFB
Figure 3: FB Average Voltage in Sleep Mode
When the MP2192 is in sleep mode, the
average output voltage exceeds the internal
reference voltage. The EAO stays low and is
clamped
in
sleep
mode.
When
the
load
increases,
the
PWM
switching
period
decreases to regulate the output voltage ripple.
The output voltage ripple drops relative to the
PWM switching period. Once the EAO exceeds
the internal low threshold, the MP2192 exits
sleep mode and enters either DCM or CCM,
depending on the load. In DCM or CCM, the EA
regulates the average output voltage to VREF
(see Figure 4).
FB+ Ramp
EA Out
Average VFB =
VREF
Figure 4: DCM Control
Due to the EA’s clamping response time, there
is always a loading hysteresis when entering or
exiting sleep mode.
Advanced Asynchronous Modulation (AAM)
during Light-Load Operation
The MP2192 uses advanced asynchronous
modulation (AAM) power-save mode and a
zero-current detection (ZCD) circuit for light-
load operation.
The MP2192 uses AAM power-save mode for
light loads (see Figure 5). The AAM current
(IAAM) is set internally. The SW on-pulse time is
determined by the on-time generator and AAM
comparator.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com