Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2192 Datasheet(PDF) 14 Page - Monolithic Power Systems

Part # MP2192
Description  2A, 2.5V to 5.5V, Synchronous Step-Down Converter with 25μA IQ in CSP Package
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2192 Datasheet(HTML) 14 Page - Monolithic Power Systems

Back Button MP2192 Datasheet HTML 10Page - Monolithic Power Systems MP2192 Datasheet HTML 11Page - Monolithic Power Systems MP2192 Datasheet HTML 12Page - Monolithic Power Systems MP2192 Datasheet HTML 13Page - Monolithic Power Systems MP2192 Datasheet HTML 14Page - Monolithic Power Systems MP2192 Datasheet HTML 15Page - Monolithic Power Systems MP2192 Datasheet HTML 16Page - Monolithic Power Systems MP2192 Datasheet HTML 17Page - Monolithic Power Systems MP2192 Datasheet HTML 18Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
MP2192
– 2A, SYNCHRONOUS STEP-DOWN CONVERTER WITH 25µA IQ
MP2192 Rev. 1.0
MonolithicPower.com
14
5/12/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2021 MPS. All Rights Reserved.
HS Driver
VREF
VFB
COT
Generator
EN
IAAM
IL_SENSE
R
S
Q
FBCOMP
AAMCOMP
Figure 5: Simplified AAM Control Logic
Under light-load conditions, the SW on-pulse
time is the longer pulse. If the AAM comparator
pulse is longer than the on-time generator, the
operation mode is controlled by AAM (see
Figure 6).
AAM
IOUT
IL
b. Increasing Load in AAM
AAM
IOUT
IL
a. Light Loads in AAM
Figure 6: The AAM Comparator Controls tON
If the AAM comparator pulse is shorter than the
on-time generator, the operation mode
is
controlled by the on-time generator (see Figure
7).
AAM
IOUT
IL
b. Increasing Loads with On-Timer
AAM
IOUT
IL
a. Light Loads with On-Timer
Figure 7: The On-Timer Controls tON
Figure 8 shows that when the AAM threshold
decreases, tON increases gradually. For CCM,
IOUT must exceed at least 50% of the AAM
threshold. Generally, the AAM threshold is
below the inductor current during normal duty
cycles.
The MP2192 uses ZCD to determine if the
inductor current has started reversing. When
the inductor current reaches the ZCD threshold,
the LS-FET turns off.
AAM with a ZCD circuit forces the MP2192 to
work in DCM under light loads, even if VOUT is
close to VIN.
0
50
100
150
200
250
300
350
0
0.5
1
1.5
2
2.5
3
Ton(µs)
AAM Threshold vs. Ton
Figure 8: AAM Threshold Decreases as tON
Increases
Enable (EN)
If the input voltage exceeds the under-voltage
lockout (UVLO) threshold (typically 2.3V), the
MP2192 can be enabled by pulling EN above
1.2V. Leave EN floating or pull EN down to
ground to disable the MP2192. There is an
internal 1M
Ω resistor connected from EN to
ground.
When the device is disabled, the part enters
output
discharge
mode
automatically.
The
device
’s internal discharge MOSFET provides a
resistive
discharge
path
for
the
output
capacitor.
Soft Start (SS)
The MP2192 has built-in soft start that ramps
up the output voltage at a controlled slew rate
to avoid overshooting at start-up. The soft-start
time is about 1.1ms.
Current Limit
The MP2192 has a typical 3.5A HS-FET current
limit. When the high-side switch reaches its
current limit, the MP2192 remains in hiccup
mode until the current drops. This prevents the
inductor current from continuing to rise and
damaging components.
Short Circuit and Recovery
The MP2192 triggers short-circuit protection
(SCP) when it reaches its current limit and
attempts to recover with hiccup mode. The
MP2192 disables the output power stage,
discharges
the
soft-start
capacitor,
and
attempts soft start again automatically. If the
short-circuit condition remains after soft start
ends, the MP2192 repeats this cycle until the
1.5
tON (μS)
AAM Threshold vs. tON



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com