Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3326GR Datasheet(PDF) 16 Page - Monolithic Power Systems

Part # MP3326GR
Description  16 Channels, 50mA/Ch, LED Driver with Separated PWM Analog Dimming and I2C Interface
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3326GR Datasheet(HTML) 16 Page - Monolithic Power Systems

Back Button MP3326GR Datasheet HTML 12Page - Monolithic Power Systems MP3326GR Datasheet HTML 13Page - Monolithic Power Systems MP3326GR Datasheet HTML 14Page - Monolithic Power Systems MP3326GR Datasheet HTML 15Page - Monolithic Power Systems MP3326GR Datasheet HTML 16Page - Monolithic Power Systems MP3326GR Datasheet HTML 17Page - Monolithic Power Systems MP3326GR Datasheet HTML 18Page - Monolithic Power Systems MP3326GR Datasheet HTML 19Page - Monolithic Power Systems MP3326GR Datasheet HTML 20Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 36 page
background image
MP3326
– 16-CHANNEL LED DRIVER WITH I2C AND SEPARATED PDIM/ADIM
MP3326 Rev. 1.0
www.MonolithicPower.com
16
1/4/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2021 MPS. All Rights Reserved.
REGISTER MAP (continued)
Add
Default
D7
D6
D5
D4
D3
D2
D1
D0
15H
FF
PWM4[11:4]
16H
3F
RESERVED
ICH5[5:0]
17H
0F
RESERVED
PWM5[3:0]
18H
FF
PWM5[11:4]
19H
3F
RESERVED
ICH6[5:0
1aH
0F
RESERVED
PWM6[3:0]
1BH
FF
PWM6[11:4]
1CH
3F
RESERVED
ICH7[5:0]
1DH
0F
RESERVED
PWM7[3:0]
1EH
FF
PWM7[11:4]
1FH
3F
RESERVED
ICH8[5:0]
20H
0F
RESERVED
PWM8[3:0]
21H
FF
PWM8[11:4]
22H
3F
RESERVED
ICH9[5:0]
23H
0F
RESERVED
PWM9[3:0]
24H
FF
PWM9[11:4]
25H
3F
RESERVED
ICH10[5:0]
26H
0F
RESERVED
PWM10[3:0]
27H
FF
PWM10[11:4]
28H
3F
RESERVED
ICH11[5:0]
29H
0F
RESERVED
PWM11[3:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com