Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3326GR Datasheet(PDF) 11 Page - Monolithic Power Systems

Part # MP3326GR
Description  16 Channels, 50mA/Ch, LED Driver with Separated PWM Analog Dimming and I2C Interface
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3326GR Datasheet(HTML) 11 Page - Monolithic Power Systems

Back Button MP3326GR Datasheet HTML 7Page - Monolithic Power Systems MP3326GR Datasheet HTML 8Page - Monolithic Power Systems MP3326GR Datasheet HTML 9Page - Monolithic Power Systems MP3326GR Datasheet HTML 10Page - Monolithic Power Systems MP3326GR Datasheet HTML 11Page - Monolithic Power Systems MP3326GR Datasheet HTML 12Page - Monolithic Power Systems MP3326GR Datasheet HTML 13Page - Monolithic Power Systems MP3326GR Datasheet HTML 14Page - Monolithic Power Systems MP3326GR Datasheet HTML 15Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
MP3326
– 16-CHANNEL LED DRIVER WITH I2C AND SEPARATED PDIM/ADIM
MP3326 Rev. 1.0
www.MonolithicPower.com
11
1/4/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2021 MPS. All Rights Reserved.
FUNCTIONAL BLOCK DIAGRAM
+
-
GND
LEDx
(x = 1, 2,
, 16)
PWM Counter
RCS
Reset
PWMX
DAC
ILEDX
Duty Reg
12-Bit
-
+
6-Bit
12-Bit
0
+
-
-
+
LED Open
Detection
LED Short Detection
Diag Reg
ILED Reg
VTHRS
VTHRS
Slew Rate Ctrl
VREF
ISET
VIN
VIN
SCL
SDA
1/8
RFSH/FLT
Counter
Regulator
CIN
EN
BG and Logic
I
2C
Control
ADDR
RADDR
RISET
OSC
QN
Figure 4: Functional Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com