Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3326GR Datasheet(PDF) 13 Page - Monolithic Power Systems

Part # MP3326GR
Description  16 Channels, 50mA/Ch, LED Driver with Separated PWM Analog Dimming and I2C Interface
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3326GR Datasheet(HTML) 13 Page - Monolithic Power Systems

Back Button MP3326GR Datasheet HTML 9Page - Monolithic Power Systems MP3326GR Datasheet HTML 10Page - Monolithic Power Systems MP3326GR Datasheet HTML 11Page - Monolithic Power Systems MP3326GR Datasheet HTML 12Page - Monolithic Power Systems MP3326GR Datasheet HTML 13Page - Monolithic Power Systems MP3326GR Datasheet HTML 14Page - Monolithic Power Systems MP3326GR Datasheet HTML 15Page - Monolithic Power Systems MP3326GR Datasheet HTML 16Page - Monolithic Power Systems MP3326GR Datasheet HTML 17Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 36 page
background image
MP3326
– 16-CHANNEL LED DRIVER WITH I2C AND SEPARATED PDIM/ADIM
MP3326 Rev. 1.0
www.MonolithicPower.com
13
1/4/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2021 MPS. All Rights Reserved.
Table 1: RFSH/FLT Pin Output Status
FLTEN
RFSH/FLT Pin Output
FRFSH = 0x000
FRFSH =
0x001~0x3FF
No fault
condition
Fault
condition
No fault
condition
Fault
condition
1
Externally
pulled high
Low
Rectangle
signal
Low
0
Externally pulled high
Rectangle signal
The refresh signal frequency is set by FRFSH
9:0. If FRFSH 9:0 = 0x000, then the RFSH/FLT
pin outputs high. If FRFSH 9:0 = 0x001 to 0x3FF,
then the RFSH/FLT pin outputs a rectangle
signal, and the refresh frequency can be
calculated with Equation (3):
REFRESH
127500
f=
FRFSH9 : 0
(3)
Note that if FPWM1:0 = 01, the PWM dimming
frequency is 250Hz. If RFSH 9:0 = 0x000, the
RFSH/FLT pin outputs high.
The refresh frequency is also related to the PWM
dimming frequency, estimated with Equation (4):
PWM
REFRESH
127500
f
f
=
(Hz)
FRFSH
250
(4)
Where fREFRESH is the refresh frequency, FRFSH
is the value of register FRFSH 9:0, and fPWM is
PWM
dimming
frequency
set
by
register
FPWM1:0 (it can be either 200Hz, 250Hz, 280Hz,
or 330Hz).
For this equation, FRFSH9:0 > 0.
Note that all numbers in the equation have a
decimal base, and that the refresh frequency
does not change until the 8MSB are written.
The internal oscillator is divided by 8. As the
clock refreshes the frequency generation, the
FRFSH register sets the counter number (see
Figure 5).
OSC
OSC = 1.02
MHz Default
1/8
Counter
I
2C
FRFSH
9:0
MP3326
FPWM 1:0
250Hz
Default
RFSH/
FLT
SDA
SCL
Figure 5: Refresh Frequency Generation
LED Current Slew Rate Control
Changing the LED current
’s rising/falling slew
rate in PWM dimming can optimize EMI
performance. The LED current rising/falling slew
rate is controlled by the SLEW register, bits[1:0],
and can be set to the values listed below:
 SLEW1:0 = 00, no slew rate
 SLEW1:0 = 01, 5µs
 SLEW1:0 = 10, 10µs
 SLEW1:0 = 11, 20µs
Protection
The MP3326 employs VIN under-voltage lockout
(UVLO), LED short protection, LED open-load
protection, and thermal shutdown.
The /FLT pin is active low, open drain, and
should be pulled high to an external voltage
source.
If
a
protection
is
triggered,
the
corresponding fault bit is set, and /FLT is pulled
low.
In hiccup mode, the /FLT pin is pulled high once
the fault condition is removed.
In latch-off mode, the /FLT pin is released if all of
the fault bits are read.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com