Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3363 Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP3363
Description  Single-String, 1.8V Minimum VIN, 36V VOUT Boost LED Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3363 Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP3363 Datasheet HTML 1Page - Monolithic Power Systems MP3363 Datasheet HTML 2Page - Monolithic Power Systems MP3363 Datasheet HTML 3Page - Monolithic Power Systems MP3363 Datasheet HTML 4Page - Monolithic Power Systems MP3363 Datasheet HTML 5Page - Monolithic Power Systems MP3363 Datasheet HTML 6Page - Monolithic Power Systems MP3363 Datasheet HTML 7Page - Monolithic Power Systems MP3363 Datasheet HTML 8Page - Monolithic Power Systems MP3363 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
MP3363
– SINGLE-STRING, 1.8V MINIMUM VIN, 36 VOUT BOOST LED DRIVER
MP3363 Rev. 1.0
MonolithicPower.com
3
9/28/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2021 MPS. All Rights Reserved.
PIN FUNCTIONS
Pin #
Name
Description
1
SW
Output switch node. The SW pin is the drain of the internal N-Channel MOSFET. Connect
the inductor and rectifier to SW to complete the boost converter.
2
VIN
Input supply. VIN supplies power to the IC.
3
COMP
Error amplifier (EA) output compensation. Connect the COMP pin to a series RC network
to compensate the regulator control loop.
4
EN/DIM
EN and dimming. Use the EN/DIM pin to enable/disable the device, or to initiate pulse-
width modulation (PWM) dimming or analog dimming. The following conditions determine the
EN/DIM operation:
1. To disable the IC, keep the EN/DIM pin low for 20ms.
2. To make the IC work in PWM dimming mode, apply a PWM signal with frequency below
2kHz.
3. To make the IC work in analog dimming mode, apply a PWM signal with frequency above
5kHz.
5
OSC/
SYNC
Switching frequency setting and synchronization. Connect a resistor to the OSC/SYNC
pin to configure the switching frequency (fSW) between 200kHz and 2.2MHz, or apply a pulse
signal between 200kHz and 2.2MHz to synchronize fSW.
6
FB
Regulation feedback input. The regulation threshold is 0.2V.
7
OVP
Output over-voltage protection. The OVP pin senses the output voltage (VOUT) to protect
the IC during open LED operation.
8
GND
Ground.
ABSOLUTE MAXIMUM RATINGS (1)
VIN, VSW ....................................... -0.3V to +40V
All other pins............................... -0.3V to +5.3V
Continuous power dissipation (TA = 25°C) (2)
TSOT23-8................................................1.25W
Junction temperature ............................... 150°C
Lead temperature .................................... 260°C
Storage temperature ................ -65°C to +150°C
ESD Ratings
Human body model (HBM) ................... ±2000V
Charged device model (CDM) .............. ±1000V
Recommended Operating Conditions (3)
Supply voltage (VIN) ........................ 1.8V to 36V
Maximum LED load voltage (VLED) .............. 36V
Operating junction temp (TJ) ... -40°C to +125°C
Thermal Resistance (4)
θJA
θJC
TSOT23-8……….….........…...... 100...... 55....°C/W
Notes:
1) Exceeding these ratings may damage the device.
2) The maximum allowable power dissipation is a function of the
maximum junction temperature TJ (MAX), the junction-to-
ambient thermal resistance θ
JA, and the ambient temperature
TA. The maximum allowable continuous power dissipation at
any ambient temperature is calculated by PD (MAX) = (TJ
(MAX) - TA) / θJA. Exceeding the maximum allowable power
dissipation can cause an excessive die temperature, and the
regulator may go into thermal shutdown. Internal thermal
shutdown circuitry protects the device from permanent
damage.
3) The device is not guaranteed to function outside of its
operating conditions.
4) Measured on the JESD51-7, a 4-layer PCB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com