Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3363 Datasheet(PDF) 13 Page - Monolithic Power Systems

Part # MP3363
Description  Single-String, 1.8V Minimum VIN, 36V VOUT Boost LED Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3363 Datasheet(HTML) 13 Page - Monolithic Power Systems

Back Button MP3363 Datasheet HTML 8Page - Monolithic Power Systems MP3363 Datasheet HTML 9Page - Monolithic Power Systems MP3363 Datasheet HTML 10Page - Monolithic Power Systems MP3363 Datasheet HTML 11Page - Monolithic Power Systems MP3363 Datasheet HTML 12Page - Monolithic Power Systems MP3363 Datasheet HTML 13Page - Monolithic Power Systems MP3363 Datasheet HTML 14Page - Monolithic Power Systems MP3363 Datasheet HTML 15Page - Monolithic Power Systems MP3363 Datasheet HTML 16Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
MP3363
– SINGLE-STRING, 1.8V MINIMUM VIN, 36 VOUT BOOST LED DRIVER
MP3363 Rev. 1.0
MonolithicPower.com
13
9/28/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2021 MPS. All Rights Reserved.
TYPICAL APPLICATION CIRCUIT
SW
VIN
COMP
EN/DIM
GND
OVP
FB
OSC/
SYNC
VIN
GND
PGND AGND
C1
10µF/50V
L1
10µH
D1
B0540
R10
NC
C7
NC
R1
294k
R2
10k
2.2µF/
50V
C2
C3
PGND
PGND
PGND
PGND
AGND
AGND
AGND
PGND
AGND
LED+
LED-
R4
10k
R5
4.99
R6
NC
D2
NC
R8
40.2k
R9
10
C6
1µF
C4
100nF
R3
1.74k
C5
560pF
R7
100k
U1
EN/DIM
SYNC
NC
MP3363
Figure 5: Typical Application Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com