Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3363 Datasheet(PDF) 12 Page - Monolithic Power Systems

Part # MP3363
Description  Single-String, 1.8V Minimum VIN, 36V VOUT Boost LED Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3363 Datasheet(HTML) 12 Page - Monolithic Power Systems

Back Button MP3363 Datasheet HTML 8Page - Monolithic Power Systems MP3363 Datasheet HTML 9Page - Monolithic Power Systems MP3363 Datasheet HTML 10Page - Monolithic Power Systems MP3363 Datasheet HTML 11Page - Monolithic Power Systems MP3363 Datasheet HTML 12Page - Monolithic Power Systems MP3363 Datasheet HTML 13Page - Monolithic Power Systems MP3363 Datasheet HTML 14Page - Monolithic Power Systems MP3363 Datasheet HTML 15Page - Monolithic Power Systems MP3363 Datasheet HTML 16Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
MP3363
– SINGLE-STRING, 1.8V MINIMUM VIN, 36 VOUT BOOST LED DRIVER
MP3363 Rev. 1.0
MonolithicPower.com
12
9/28/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2021 MPS. All Rights Reserved.
its DC value, and ensures feedback loop
stability. The capacitance can be estimated with
Equation (9):
LOAD
OUT
IN
OUT
OUT
SW
OUT
I
(V
V )
C
V
f
V
(9)
PCB Layout Guidelines
Efficient
PCB
layout
is
critical for
stable
operation. For the best results, it is suggested
to refer to Figure 4 and follow the guidelines
below:
1. A
high-frequency
pulse
current
flows
through the loop between the SW pin,
output diode, output capacitor, and GND.
Keep this loop as short as possible to
reduce
noise
and
electromagnetic
interference.
2. Separate the PGND and AGND traces to
reduce
noise.
AGND
is
the
reference
ground of all the logic signals.
3. Connect PGND and AGND to the GND pin.
4. Place the ceramic input capacitor (CIN) as
close to the VIN pin as possible.
1
2
3
4
5
6
8
SW
VIN
COMP
EN/DIM
GND
FB
OSC/
SYNC
Top
Bottom
VIN
Bottom GND
L1
D1
C4
C2 C3
LED+
7
OVP
LED-
EN/DIM
SYNC
PGND
C1
C5
R1
R2
R3
R4
R5
AGND
Figure 4: Recommended PCB Layout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com