Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP4658 Datasheet(PDF) 12 Page - Monolithic Power Systems

Part # MP4658
Description  4-String, Max 200mA/Channel, 80V Return LED Driver with AC/DC Feedback
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4658 Datasheet(HTML) 12 Page - Monolithic Power Systems

Back Button MP4658 Datasheet HTML 8Page - Monolithic Power Systems MP4658 Datasheet HTML 9Page - Monolithic Power Systems MP4658 Datasheet HTML 10Page - Monolithic Power Systems MP4658 Datasheet HTML 11Page - Monolithic Power Systems MP4658 Datasheet HTML 12Page - Monolithic Power Systems MP4658 Datasheet HTML 13Page - Monolithic Power Systems MP4658 Datasheet HTML 14Page - Monolithic Power Systems MP4658 Datasheet HTML 15Page - Monolithic Power Systems MP4658 Datasheet HTML 16Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
MP4658 – 4-STRING, 80V RETURN LED DRIVER WITH AC/DC FEEDBACK
MP4658 Rev. 1.0
MonolithicPower.com
12
10/13/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2021 MPS. All Rights Reserved.
OPERATION
The MP4658 is a 4-string, secondary-side LED
driver for LED backlighting, and is ideal for
monitor and TV LED backlighting. It controls the
flyback power stage to regulate the LED current
(ILED) loop during the PWM on time and regulate
system supply voltage loop during the PWM off
time. Powered by a 6V to 36V input voltage
(VIN)
supply,
the
MP4658
outputs
a
compensation signal to control the primary-side
flyback (or other power stage) through an
optocoupler.
Start-Up
When the flyback is on, VIN is charged until it
reaches its UVLO threshold, at which point the
system logic starts to work.
LED Current and Voltage Regulation
The MP4658 accurately regulates the ILED loop
or the output voltage (VOUT) with a single flyback
power stage.
When pulse-width modulation (PWM) dimming
is on, the MP4658 regulates ILED through the
flyback power stage control (see Figure 2).
EA_V
FB
COMP2
1.2V
EA_I
Min LEDx
COMP1
Ref
Flyback
Control
Total
Power
DC/DC
LED Stage
Min VLEDx
Figure 2: MP4658 Control Scheme when PWM
Dimming Is On
When PWM dimming is off, the LED stage is
disabled and the MP4658 regulates the output
voltage (VOUT) using the feedback (FB) voltage
(VFB) from the FB pin (see Figure 3).
EA_V
FB
COMP2
1.2V
EA_I
Min LEDx
COMP1
Ref
Flyback
Control
Total
Power
VOUT
DC/DC
VSYS
Figure 3: MP4658 Control Scheme when PWM
Dimming Is Off
LED
Current
Regulation
when
PWM
Dimming Is On
For the ILED regulation loop, the minimum LEDx
voltage (VLEDx) is fed back and compared to the
internal
reference
voltage.
This
reference
changes with the ILED setting. The internal error
amplifier (EA) regulates the average minimum
VLEDx to the internal reference voltage. The EA’s
output is connected to the external current-loop
compensation network on the COMP1 pin
through an inner switch (S1). During the PWM
on time, S1 is on and the minimum VLEDx is
regulated by this control loop. The flyback
power is set by the COMP1 voltage (VCOMP1).
During the PWM off period, S1 is turned off, the
compensation network is disconnected from the
EA’s output, and VCOMP1 remains steady until
the next PWM on interval. The
EA’s output is
also pulled low during the PWM off period.
Output
Voltage
Regulation
when
PWM
Dimming Is Off
When PWM dimming is off, the output voltage
(VOUT) is fed back to the FB pin and the internal
VREF is equal to 1.2V. During the PWM off
period,
the
MP4658
regulates
VOUT
by
controlling the flyback power stage. The internal
voltage-loop EA regulates the average VFB to its
internal
reference.
The
EA’s
output
is
connected
to
the
external
voltage-loop
compensation network on the COMP2 pin. The
flyback power is set by the COMP2 voltage
(VCOMP2).
When PWM dimming is on, the flyback power is
controlled by VCOMP1 and VOUT varies with
different dimming conditions. The voltage-loop
EA’s output is also pulled low.
Dimming Control
The MP4658 provides analog dimming and
PWM dimming for ILED through the separate
ADIM and PDIM pin. For analog dimming, apply
a pulse signal with a frequency above 5kHz to
the ADIM pin and pull the PDIM pin high. The
pulse signal’s duty cycle sets the ILED amplitude.
For PWM dimming, the duty cycle of input
signal at the ADIM pin sets the peak ILED value.
ILED is chopped by the input PWM signal at the
PDIM pin. The brightness of the LED string is
proportional to the external PWM signal
’s duty
cycle, which helps achieve fast and high-
contrast ratio PWM dimming. For analog PWM
dimming, apply a <5kHz pulse signal to the
ADIM pin and pull the PDIM pin high. The ADIM
pin’s input impedance determines the internal
analog dimming RC filter and the rising/falling
speed during PWM dimming. If the input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com