Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP4658 Datasheet(PDF) 13 Page - Monolithic Power Systems

Part # MP4658
Description  4-String, Max 200mA/Channel, 80V Return LED Driver with AC/DC Feedback
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4658 Datasheet(HTML) 13 Page - Monolithic Power Systems

Back Button MP4658 Datasheet HTML 9Page - Monolithic Power Systems MP4658 Datasheet HTML 10Page - Monolithic Power Systems MP4658 Datasheet HTML 11Page - Monolithic Power Systems MP4658 Datasheet HTML 12Page - Monolithic Power Systems MP4658 Datasheet HTML 13Page - Monolithic Power Systems MP4658 Datasheet HTML 14Page - Monolithic Power Systems MP4658 Datasheet HTML 15Page - Monolithic Power Systems MP4658 Datasheet HTML 16Page - Monolithic Power Systems MP4658 Datasheet HTML 17Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
MP4658 – 4-STRING, 80V RETURN LED DRIVER WITH AC/DC FEEDBACK
MP4658 Rev. 1.0
MonolithicPower.com
13
10/13/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2021 MPS. All Rights Reserved.
impedance on ADIM is below
15kΩ, then the
RC filter constant is smaller and the ILED
rising/falling speed during PWM dimming is
faster. Soft PWM dimming for ILED helps reduce
the audible noise.
Protection Features
The MP4658 integrates sufficient protections for
the output voltage stage and LED driver stage.
The protections for the VOUT stage includes
system over-voltage protection (OVP) and open
feedback loop protection. Fault protections for
the
LED
driver
stage
include
open
LED
protection, short LED string protection, one or
more LED short protection and LEDx short to
ground protection.
Output Over-Voltage Protection (OVP)
The FB pin senses VOUT for regulation and OVP.
If VFB is 24% greater than VREF, the MP4658
triggers output OVP and the OPT pin is
clamped to 3.3V when the LED stage is off.
Output OVP is disabled when the LED stage is
on. The fault indicator outputs a low voltage
when output OVP is triggered.
Feedback Open Protection
If VFB is below 500mV, the IC latches off and
the fault indicator outputs a low voltage.
Open LED Protection
The LED string voltage is sensed by the OVP
pin. Open LED protection is achieved via the
OVP pin voltage and the LEDx (LED1~4) pin
voltage detections. If one or more LED strings
are open, the respective VLEDx is pulled to
ground and the LED string
’s output voltage
keeps increasing until the OVP pin
’s voltage
(VOVP) reaches the OVP threshold. When VOVP
reaches 2.4V and VLEDx is below 100mV, the
MP4658 triggers open LED protection. The IC
marks off the open string(s), meaning any that
have a VLEDx below 100mV. The remaining LED
strings discharge the output voltage and VOVP
decreases until it falls below the OVP threshold.
Then the LED control loop recovers and the
minimum VLEDx of the remaining LED strings is
regulated. If an LED open fault is triggered, the
fault indicator pin outputs a low voltage.
If all LED strings are open, all strings are
marked off and the LED control loop is disabled.
If an open all LED strings condition occurs, the
IC operation mode switches from constant
current (CC) mode to constant voltage (CV)
mode.
If VOVP exceeds 3V, the IC latches off. This
function protects the components from any out
of control condition (such as the LED output
voltage exceeding VOV_LED when the OPT pin is
not pulled high) and keeps the system safe.
LED Short Protection
VLEDx is used to indicate a short LED condition.
If an LED string is shorted, the respective VLEDx
increases significantly. If VLEDx exceeds 5V for
5ms, a short fault is triggered, and the MP4658
marks off this string. Other strings keep working
if they are not experiencing a short.
If short protection is triggered, the fault indicator
outputs a low voltage.
LEDx Short-to-Ground Protection
If COMP1 is saturated and VLEDx is low for 30ms,
the IC triggers LEDx short-to-ground protection.
The LED control loop is disabled, and the
output voltage is regulated in constant voltage
(CV) mode. If this protection is triggered, the
fault indicator outputs a low voltage.
The LED loop can recover from a fault condition
by toggling the ADIM or PDIM pin. Pull either
pin low for more than 30ms, then pull it high.
The fault condition should be removed, and the
fault indicator should reset.
Thermal Protection
Thermal protection is integrated in the MP4658.
If the die temperature exceeds the over-
temperature (OT) threshold (150°C), the IC
stops working until the die temperature falls to
125°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com