Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP86934 Datasheet(PDF) 12 Page - Monolithic Power Systems

Part # MP86934
Description  16V Intelli-Phase Solution in TQFN 3x4
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP86934 Datasheet(HTML) 12 Page - Monolithic Power Systems

Back Button MP86934 Datasheet HTML 7Page - Monolithic Power Systems MP86934 Datasheet HTML 8Page - Monolithic Power Systems MP86934 Datasheet HTML 9Page - Monolithic Power Systems MP86934 Datasheet HTML 10Page - Monolithic Power Systems MP86934 Datasheet HTML 11Page - Monolithic Power Systems MP86934 Datasheet HTML 12Page - Monolithic Power Systems MP86934 Datasheet HTML 13Page - Monolithic Power Systems MP86934 Datasheet HTML 14Page - Monolithic Power Systems MP86934 Datasheet HTML 15Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
MP86934 – 16V INTELLI-PHASE SOLUTION IN TQFN 3X4
MP86934 Rev.1.2
www.MonolithicPower.com
12
5/26/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2021 MPS. All Rights Reserved.
Current Sense Output, CS
CS
is
a
bi-directional
current
source
proportional to the inductor current. The current
sensing gain is 10μA/A and a resistor is used to
program the voltage gain proportional to the
inductor current if needed.
The CS output has two states as shown in
Table 1. In Standby mode, the CS circuit is
disabled, it needs 20us to wake up to enter to
Active mode if needed.
Table.1 CS Output States
PWM 
SYNC 
CS 
PWM 
Hi 
Active 
PWM 
Hi 
Active 
PWM 
Low 
Active 
x 
Hi‐Z (or Middle)
Standby 
The CS voltage range of 0.8V to 2.0V is
required for to get accurate CS’s current output
up to +500μA/-200μA (i.e. +50A/-25A). In
general, there is a resistor, RCS, connected from
CS pin to an external voltage which is capable
to sink small current to provide enough voltage
level to meet the required operating voltage
range.
Fig.2 shows the typical circuit diagram of CS
pin connection for getting a differential voltage
source reflected to inductor current.
Eq. 1 shows the guideline for design RCS
resistance to avoid the V(CS) voltage outs of
operating range.
0.8
2.0
CS
CS
CM
VI
R
V
V

(Eq.1)
CS
L
CS
II
G

Where VCM is the reference voltage connected
to RCS.
The VCM can be from a voltage divider from
3.3V (i.e. VCC) shown in Fig.3.
Choose RCS >> (R1//R2) to minimize the VCM
voltage variation over ICS current.
VCS
SW
PWM
Intelli-Phase
PWM
IL
Vin
VIN
GND
CS
RCS
VCM
ICS
Fig.2 Typical Circuit Diagram for CS pin
connection
Fig.3 Use VCC to generate VCM voltage for
CS signal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com