Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP86934 Datasheet(PDF) 13 Page - Monolithic Power Systems

Part # MP86934
Description  16V Intelli-Phase Solution in TQFN 3x4
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP86934 Datasheet(HTML) 13 Page - Monolithic Power Systems

Back Button MP86934 Datasheet HTML 7Page - Monolithic Power Systems MP86934 Datasheet HTML 8Page - Monolithic Power Systems MP86934 Datasheet HTML 9Page - Monolithic Power Systems MP86934 Datasheet HTML 10Page - Monolithic Power Systems MP86934 Datasheet HTML 11Page - Monolithic Power Systems MP86934 Datasheet HTML 12Page - Monolithic Power Systems MP86934 Datasheet HTML 13Page - Monolithic Power Systems MP86934 Datasheet HTML 14Page - Monolithic Power Systems MP86934 Datasheet HTML 15Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
MP86934 – 16V INTELLI-PHASE SOLUTION IN TQFN 3X4
MP86934 Rev.1.2
www.MonolithicPower.com
13
5/26/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2021 MPS. All Rights Reserved.
APPLICATION INFORMATION
PCB Layout Guidelines
PCB layout plays an important role to achieve
stable operation. For optimal performance,
follow these guidelines.
1. Place the input MLCC capacitors as close to
the VIN and PGND pins as possible. The
major MLCC capacitors should be placed
on the same layer as MP86934. Maximize
the VIN and PGND copper plane to
minimize the parasitic impedance.
2. Place PGND Vias as many as possible and
close to the pin to minimize both parasitic
impedance and thermal resistance.
3. Place VCC decoupling capacitor close to
the device. Connect AGND and PGND at
the point of VCC capacitor's ground
connection.
4. Place BST capacitor as close to the BST
and SW pins as possible. Use trace width of
20 mils or higher to route the path. It is
recommended
to
use
0.1µF
to
1µF
bootstrap capacitor.
5. Keep the CS signal trace away from high
current
path
like
SW
and
PWM.
EXAMPLE OF PCB LAYOUT (PLACEMENT & TOP LAYER PCB).
Input Capacitor: 0805 & 0402 package (top side) & 0603 package (bottom side)
Inductor: 6.5 x 6.5 (mm)
VCC/BST capacitor: 0402 package
Via size: 20/10 mils



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com