Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT18/IG Datasheet(PDF) 4 Page - NXP Semiconductors

Part # FT18/IG
Description  Frame Transfer CCD Image Sensor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

FT18/IG Datasheet(HTML) 4 Page - NXP Semiconductors

  FT18/IG Datasheet HTML 1Page - NXP Semiconductors FT18/IG Datasheet HTML 2Page - NXP Semiconductors FT18/IG Datasheet HTML 3Page - NXP Semiconductors FT18/IG Datasheet HTML 4Page - NXP Semiconductors FT18/IG Datasheet HTML 5Page - NXP Semiconductors FT18/IG Datasheet HTML 6Page - NXP Semiconductors FT18/IG Datasheet HTML 7Page - NXP Semiconductors FT18/IG Datasheet HTML 8Page - NXP Semiconductors FT18/IG Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
2000 January
4
Philips Semiconductors
Product specification
Frame Transfer CCD Image Sensor
FT 18
Figure 2 - Detailed internal structure
A1, A2, A3, A4: clocks of image section
B1, B2, B3, B4: clocks of storage section
C1, C2, C3: clocks of horizontal register
OG: output gate
OG
C1
OG
B4
B1
B3
A1
B3
B4
B1
A1
B3
B4
B1
A1
B3
B3
B4
B1
A1
B3
B4
A1
B4
B1
A1
A1
B3
C1
C1
C2
C2
C2
C1
C2
C1
C2
C1
1048 storage lines
C2
C1
C2
C1
C2
C2
C1
C1
C2
C1
C2
C1
C2
STORAGE
OUTR
C1
column
1
column
24+1
column
24+1K
column
24+1K+24
OUTL
One Pixel
A4
A1
A3
A3
A4
A1
A2
A3
A4
A1
A1
A3
A4
A1
A2
A3
A4
A4
A1
A2
A3
12 lines
1K active
images
lines
IMAGE
FT CCD
A2
A2
A2
A4
A1
A3
A3
A4
A1
A2
A3
A4
A1
A1
A3
A4
A1
A2
A3
A4
A4
A1
A2
A3
A2
A2
A2
12 lines
1K image pixels
7 extra cells
20 black & 4 timing columns
4 timing & 20 black columns
7 extra cells
B2
B2
B2
B2
B2
B2
B4
B1
B3
B3
B4
B1
B3
B4
B1
B3
B3
B4
B1
B3
B4
B4
B1
B3
B2
B2
B2
B2
B2
B2
C3
C3
C3
C3
C3
C3
C3
C3
C3
C3
C3
C3
C3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com