Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT18/IG Datasheet(PDF) 12 Page - NXP Semiconductors

Part # FT18/IG
Description  Frame Transfer CCD Image Sensor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

FT18/IG Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button FT18/IG Datasheet HTML 8Page - NXP Semiconductors FT18/IG Datasheet HTML 9Page - NXP Semiconductors FT18/IG Datasheet HTML 10Page - NXP Semiconductors FT18/IG Datasheet HTML 11Page - NXP Semiconductors FT18/IG Datasheet HTML 12Page - NXP Semiconductors FT18/IG Datasheet HTML 13Page - NXP Semiconductors FT18/IG Datasheet HTML 14Page - NXP Semiconductors FT18/IG Datasheet HTML 15Page - NXP Semiconductors FT18/IG Datasheet HTML 16Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
2000 January
12
Philips Semiconductors
Product specification
Frame Transfer CCD Image Sensor
FT 18
Figure 6 - Application diagram to protect the FT 18
Device Handling
An image sensor is a MOS device which can be destroyed by electro-
static discharge (ESD). Therefore, the device should be handled
with care.
Always store the device with short-circuiting clamps or on conductive
foam. Always switch off all electric signals when inserting or removing
the sensor into or from a camera (the ESD protection in the CCD
image sensor process is less effective than the ESD protection of
standard CMOS circuits).
Being a high quality optical device, it is important that the cover
glass remain undamaged. When handling the sensor, use fingercots.
When cleaning the glass we recommend using ethanol (or possibly
water). Use of other liquids is strongly discouraged:
• if the cleaning liquid evaporates too quickly, rubbing is likely to
cause ESD damage.
• the cover glass and its coating can be damaged by other liquids.
Rub the window carefully and slowly.
Dry rubbing of the window may cause electro-static charges or
scratches which can destroy the device.
BAT74
Schottky!
VPS
SFD
VRD
BC
860C
BC
850C
VNS
BC
850C
27
15
10k
VCS
VOG
10k
10k
OUT
keep short
<10mm!
keep short!
output for
preprocessing
BFR
92A
BAT74
BAT74
Schottky!
Ω
Ω
Ω
Ω
Ω
100 Ω
VSFD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com