Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT18/IG Datasheet(PDF) 1 Page - NXP Semiconductors

Part # FT18/IG
Description  Frame Transfer CCD Image Sensor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

FT18/IG Datasheet(HTML) 1 Page - NXP Semiconductors

  FT18/IG Datasheet HTML 1Page - NXP Semiconductors FT18/IG Datasheet HTML 2Page - NXP Semiconductors FT18/IG Datasheet HTML 3Page - NXP Semiconductors FT18/IG Datasheet HTML 4Page - NXP Semiconductors FT18/IG Datasheet HTML 5Page - NXP Semiconductors FT18/IG Datasheet HTML 6Page - NXP Semiconductors FT18/IG Datasheet HTML 7Page - NXP Semiconductors FT18/IG Datasheet HTML 8Page - NXP Semiconductors FT18/IG Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
FT 18
Frame Transfer CCD Image Sensor
Philips
Semiconductors
IMAGE SENSORS
Product specification
2000 January 7
File under Image Sensors
TRAD


Similar Part No. - FT18/IG

ManufacturerPart #DatasheetDescription
logo
Satco Products, Inc.
FT18DL/830 SATCO-FT18DL/830 Datasheet
122Kb / 1P
18 watt; pin-based Compact Fluorescent; 3000K; 82 CRI; 2G11 base
FT18DL/830/RS SATCO-FT18DL/830/RS Datasheet
122Kb / 1P
18 watt; pin-based Compact Fluorescent; 3000K; 82 CRI; 2G11 base
FT18DL/835 SATCO-FT18DL/835 Datasheet
122Kb / 1P
18 watt; pin-based Compact Fluorescent; 3500K; 82 CRI; 2G11 base
FT18DL/835/RS SATCO-FT18DL/835/RS Datasheet
122Kb / 1P
18 watt; pin-based Compact Fluorescent; 3500K; 82 CRI; 2G11 base
FT18DL/841 SATCO-FT18DL/841 Datasheet
122Kb / 1P
18 watt; pin-based Compact Fluorescent; 4100K; 82 CRI; 2G11 base
More results

Similar Description - FT18/IG

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
FTT1010-M PHILIPS-FTT1010-M Datasheet
171Kb / 17P
Frame Transfer CCD Image Sensor
1999 September 21
FXA1012 PHILIPS-FXA1012 Datasheet
476Kb / 17P
Frame Transfer CCD Image Sensor
2000 January 7
logo
Sanyo Semicon Device
LC9997M SANYO-LC9997M Datasheet
187Kb / 11P
1/5-Inch Frame Transfer CCD NTSC Color Image Sensor
logo
ON Semiconductor
KAF-16200 ONSEMI-KAF-16200 Datasheet
317Kb / 21P
Frame CCD Image Sensor
October, 2015 ??Rev. 0
KAF-18500 ONSEMI-KAF-18500 Datasheet
571Kb / 20P
Frame CCD Image Sensor
April, 2015 ??Rev. 2
KAF-31600 ONSEMI-KAF-31600 Datasheet
1Mb / 30P
FULL FRAME CCD IMAGE SENSOR
REVISION 1.1
KAF-37500 ONSEMI-KAF-37500 Datasheet
310Kb / 24P
Frame CCD Image Sensor
May, 2015 ??Rev. 2
KAF-40000 ONSEMI-KAF-40000 Datasheet
500Kb / 26P
Frame CCD Image Sensor
September, 2015 ??Rev. 3
KAF-50100 ONSEMI-KAF-50100 Datasheet
258Kb / 25P
Frame CCD Image Sensor
April, 2015 ??Rev. 3
KAF-16200 ONSEMI-KAF-16200_17 Datasheet
375Kb / 22P
Full Frame CCD Image Sensor
January, 2017 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com